Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 38 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 34Page - STMicroelectronics M58PR512J Datasheet HTML 35Page - STMicroelectronics M58PR512J Datasheet HTML 36Page - STMicroelectronics M58PR512J Datasheet HTML 37Page - STMicroelectronics M58PR512J Datasheet HTML 38Page - STMicroelectronics M58PR512J Datasheet HTML 39Page - STMicroelectronics M58PR512J Datasheet HTML 40Page - STMicroelectronics M58PR512J Datasheet HTML 41Page - STMicroelectronics M58PR512J Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
Command interface
M58PR256J, M58PR512J
38/114
Table 8.
Factory Program command(1)
Command
Phase
Bus Write operations
1st
2nd
3rd
Final -1
Final
Add
Data
Add
Data Add
Data
Add
Data
Add
Data
Buffer
Enhanced
Factory
Program
Setup
2
BKA or
WA(2)
80h
WA1
D0h
Program/
Verify(3)
≥512
WA1
PD1
WA1
PD2 WA1
PD3
WA1
PD511
WA1
PD512
Exit
1
NOT
BA1
(4)
FFFFh
1.
WA = Word Address in targeted bank, BKA = Bank Address, PD = Program Data, BA = Block Address, X = Don’t Care.
2.
Any address within the bank can be used.
3.
The Program/Verify phase can be executed any number of times as long as the data is to be programmed to the same
Block.
4.
WA1 is the Start Address, NOT BA1 = Not Block Address of WA1.
Table 9.
Electronic Signature codes
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
256 Mbit
Bank Address + 01
8818
512 Mbit
8819
Block
Protection
Main Block
Locked
Block Address + 02
DQ1, DQ0 = 01
Unlocked
DQ1, DQ0 = 00
Locked and Locked-Down
DQ1, DQ0 = 11
Unlocked and Locked-Down
DQ1, DQ0 = 10
EFA Block
Locked
DQ5, DQ4 = 01
Unlocked
DQ5, DQ4 = 00
Locked and Locked-Down
DQ5, DQ4 = 11
Unlocked and Locked-Down
DQ5, DQ4 = 10
Configuration Register
Bank Address + 05
CR(1)
Enhanced Configuration Register
Bank Address + 06
ECR(1)
Protection Register PR0
Lock
ST Factory Default
Bank Address + 80
0002
OTP Area Permanently Locked
0000
Protection Register PR0
Bank Address + 81
Unique Device Number
Bank Address + 84
Bank Address + 85
OTP Area
Bank Address + 88
Protection Register PR1 through PR16 Lock
Bank Address + 89
PRLD(1)
Protection Registers PR1-PR16
Bank Address + 8A
OTP Area
Bank Address + 109
1.
CR = Configuration Register, ECR = Enhanced Configuration Register, PRLD = Protection Register Lock Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com