Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 24Page - STMicroelectronics M58PR512J Datasheet HTML 25Page - STMicroelectronics M58PR512J Datasheet HTML 26Page - STMicroelectronics M58PR512J Datasheet HTML 27Page - STMicroelectronics M58PR512J Datasheet HTML 28Page - STMicroelectronics M58PR512J Datasheet HTML 29Page - STMicroelectronics M58PR512J Datasheet HTML 30Page - STMicroelectronics M58PR512J Datasheet HTML 31Page - STMicroelectronics M58PR512J Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
Command interface
M58PR256J, M58PR512J
28/114
4.13
Program/Erase Suspend command
The Program/Erase Suspend command is used to pause a Program or Block Erase
operation. The command can be addressed to any bank.
The Program/Erase Resume command is required to restart the suspended operation.
One bus write cycle is required to issue the Program/Erase Suspend command. Once the
Program/Erase Controller has paused bits SR7, SR6 and/ or SR2 of the Status Register will
be set to ‘1’.
The following commands are accepted during Program/Erase Suspend:
–
Program/Erase Resume
–
Read Array (data from erase-suspended Block or program-suspended Word is not
valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query
–
Read EFA
Additionally, if the suspended operation was a Block Erase then the following commands are
also accepted:
–
Clear Status Register
–
Program (except in erase-suspended Block)
–
Buffer Program (except in erase suspended Blocks)
–
Block Lock
–
Block Lock-Down
–
Block Unlock
–Program EFA
During an erase suspend the Block being erased can be protected by issuing the Block Lock
or Block Lock-Down commands. When the Program/Erase Resume command is issued the
operation will complete.
It is possible to accumulate multiple suspend operations. For example: suspend an erase
operation, start a program operation, suspend the program operation, then read the array.
If a Program command is issued during a Block Erase Suspend, the erase operation cannot
be resumed until the program operation has completed.
The Program/Erase Suspend command does not change the read mode of the banks. If the
suspended bank was in Read EFA, Read Status Register, Read Electronic signature or
Read CFI Query mode the bank remains in that mode and outputs the corresponding data.
Refer to Dual Operations section for detailed information about simultaneous operations
allowed during Program/Erase Suspend.
During a Program/Erase Suspend, the device can be placed in standby mode by taking Chip
Enable to VIH. Program/erase is aborted if Reset, RP, goes to VIL.
See Appendix C, Figure 22: Program Suspend & Resume flowchart and pseudo code, for
flowcharts for using the Program/Erase Suspend command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com