Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 68 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 64Page - STMicroelectronics M58PR512J Datasheet HTML 65Page - STMicroelectronics M58PR512J Datasheet HTML 66Page - STMicroelectronics M58PR512J Datasheet HTML 67Page - STMicroelectronics M58PR512J Datasheet HTML 68Page - STMicroelectronics M58PR512J Datasheet HTML 69Page - STMicroelectronics M58PR512J Datasheet HTML 70Page - STMicroelectronics M58PR512J Datasheet HTML 71Page - STMicroelectronics M58PR512J Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
DC and ac parameters
M58PR256J, M58PR512J
68/114
15
DC and ac parameters
This section summarizes the operating measurement conditions, and the dc and ac
characteristics of the device. The parameters in the dc and ac characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 24: Operating and ac measurement conditions (M58PRxxxJ). Designers should check
that the operating conditions in their circuit match the operating conditions when relying on
the quoted parameters.
Figure 8.
AC measurement I/O waveform
Table 24.
Operating and ac measurement conditions (M58PRxxxJ)
Parameter
Min
Max
Units
VDD supply voltage
1.7
2.0
V
VDDQ supply voltage
1.7
2.0
V
VPP supply voltage (Factory environment)
8.5
9.5
V
VPP supply voltage (Application environment)
–0.4
VDDQ+0.4
V
Ambient operating temperature
–30
85
°C
Load capacitance (CL)30
pF
Input Rise and Fall times
3
ns
Input pulse voltages
0 to VDDQ
V
Input and output timing ref. voltages
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com