Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 94 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 94 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 90Page - STMicroelectronics M58PR512J Datasheet HTML 91Page - STMicroelectronics M58PR512J Datasheet HTML 92Page - STMicroelectronics M58PR512J Datasheet HTML 93Page - STMicroelectronics M58PR512J Datasheet HTML 94Page - STMicroelectronics M58PR512J Datasheet HTML 95Page - STMicroelectronics M58PR512J Datasheet HTML 96Page - STMicroelectronics M58PR512J Datasheet HTML 97Page - STMicroelectronics M58PR512J Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
Common Flash Interface
M58PR256J, M58PR512J
94/114
(P+32)h = 13Ch
03h
"Bank Region 1 (Erase Block Type 1): Page mode and Synchronous
mode capabilities
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
(P+33)h = 13Dh
0Ah
Bank Region 1 (Erase Block Type 1) Programming Region Information
Bit 0-7: Aligned size of Programming Region in bytes
Bit 8-14: Reserved
Bit 15: Legacy Flash Operation (ignore bit 0-7)
Bit 16-23: Control Mode valid size in bytes
Bit 24-31: Reserved
Bit 32-39: Control Mode invalid size in bytes
Bit 40-46: Reserved
Bit 47: Legacy Flash Operation (ignore bit 16-23 and 32-39)
(P+34)h = 13Eh
00h
(P+35)h = 13Fh
10h
(P+36)h = 140h
00h
(P+37)h = 141h
10h
(P+38)h = 142h
00h
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank Regions. There is one Bank Region, see Tables 35, 36, 37 and 38 in Appendix A.
3.
Applies to M58PR256J.
4.
Applies to M58PR512J.
Table 48.
Extended Flash array bank and erase block region information
Offset (1)
1.
The variable P is a pointer which is defined at CFI offset 015h.
Data
Description
(P+39)h = 143h
01h
Number of Bank Regions within the device(2)
2.
Bank Regions. There is one EFA Bank Region.
Table 47.
Bank and Erase block region 1 information(1) (continued)
Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com