Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 101 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 101 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 97Page - STMicroelectronics M58PR512J Datasheet HTML 98Page - STMicroelectronics M58PR512J Datasheet HTML 99Page - STMicroelectronics M58PR512J Datasheet HTML 100Page - STMicroelectronics M58PR512J Datasheet HTML 101Page - STMicroelectronics M58PR512J Datasheet HTML 102Page - STMicroelectronics M58PR512J Datasheet HTML 103Page - STMicroelectronics M58PR512J Datasheet HTML 104Page - STMicroelectronics M58PR512J Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
M58PR256J, M58PR512J
Flowcharts and pseudo codes
101/114
Figure 24.
Erase Suspend & Resume flowchart and pseudo code
1.
The Read Status Register command (Write 70h) can be issued just before or just after the Erase Resume command.
Write 70h
AI10116c
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR6 = 1
Erase Continues with
Bank in Read Status
Register Mode
Write D0h
Read data from another block
or
Program
or
Block Lock/Unlock/Lock-Down
Start
Write B0h
Erase Complete
Write FFh
Read Data
Write FFh
erase_suspend_command ( ) {
writeToFlash (bank_address, 0xB0) ;
writeToFlash (bank_address, 0x70) ;
/* read status register to check if
erase has already completed */
do {
status_register=readFlash (bank_address) ;
/* E or G must be toggled*/
} while (status_register.SR7== 0) ;
if (status_register.SR6==0) /*erase completed */
{ writeToFlash (bank_address, 0xFF) ;
read_data ( ) ;
/*The device returns to Read Array
(as if program/erase suspend was not issued).*/
}
else
{ writeToFlash (bank_address, 0xFF) ;
read_program_data ( );
/*read or program data from another block*/
writeToFlash (bank_address, 0xD0) ;
/*write 0xD0 to resume erase*/
writeToFlash (bank_address, 0x70) ;
/*read status register to check if erase has completed */
}
}
Write 70h(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com