Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512J Datasheet(PDF) 106 Page - STMicroelectronics

Part # M58PR512J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512J Datasheet(HTML) 106 Page - STMicroelectronics

Back Button M58PR512J Datasheet HTML 102Page - STMicroelectronics M58PR512J Datasheet HTML 103Page - STMicroelectronics M58PR512J Datasheet HTML 104Page - STMicroelectronics M58PR512J Datasheet HTML 105Page - STMicroelectronics M58PR512J Datasheet HTML 106Page - STMicroelectronics M58PR512J Datasheet HTML 107Page - STMicroelectronics M58PR512J Datasheet HTML 108Page - STMicroelectronics M58PR512J Datasheet HTML 109Page - STMicroelectronics M58PR512J Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 114 page
background image
Command interface state tables
M58PR256J, M58PR512J
106/114
Appendix D
Command interface state tables
Table 50.
Command interface states - Modify table, next state 1
command input to chip and resulting chip next state (7)
Current Chip State
Read
Array
Read
EFA
Program
Setup
EFA
Program
Setup
BP
Block
Erase
Setup
EFA
Block
Erase
Setup
BEFP
Confirm,
Resume
Program/
Erase
suspend
Read
Status
FFh
94h
41h
44h
E9h(8,9,10)
20h
24h
80h
D0h
B0h
70h
ready
ready
pgrm
setup
EFA block
pgrm
setup
BP setup
erase
setup
EFA block
erase
setup
BEFP
setup
ready
Lock/CR/ECR Setup
ready (sequence error)
ready
(unlock)
ready
(sequence error)
Lock EFA Block Setup
OTP
setup
OTP busy
busy
OTP busy
IS in OTP busy
OTP busy
IS in OTP busy
OTP busy
IS in OTP busy
OTP busy
WP or
EFA
Block WP
setup
WP busy
busy
program busy
IS in program busy
pgrm busy
IS in program busy
program
busy
WP
suspend
WP busy
IS in program
busy
WP busy
suspend
PS
IS in PS
pgrm
suspend
IS in PS
program
busy
WP suspend
IS in PS
WP suspend
BP
setup (1), (2)
BP load 1 (give word count load (N-1))
BP load 1 (2)
if N=0 go to BP confirm else go to BP load 2 (data load) (4)
BP load 2 (2)
BP confirm when count =0 else BP load 2
BP confirm
ready (sequence error)
BP busy (3)
ready (sequence
error)
BP busy
BP busy
IS in BP busy
BP busy
IS in BP busy
BP busy
BP
suspend
BP busy
IS in BP busy
BP busy
BP suspend
BP suspend
IS in BP suspend
BP suspend
IS in BP suspend
BP busy
BP suspend
IS in BP
suspend
BP suspend
Erase or
EFA
Block
Erase
setup
ready (sequence error)
erase busy
ready (sequence
error)
busy
erase busy
IS in erase busy
erase busy
Is in erase busy
erase busy
ES
erase
busy
IS in erase busy
erase busy
suspend
ES
WP
setup in
ES
EFA block
WP in ES
BP setup in
ES
IS in ES
erase busy
ES
IS in ES
ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com