Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 552 page
background image
Chapter 8 DMA Controller
8-19
Figure 8.3.5 DMA Command Descriptor Chain
The sequence of Chain DMA transfer is as follows below.
1.
Select DMA request signal
When performing external I/O or internal I/O DMA, set the DMA Request Select field
(PCFG.DMASEL) of the Pin Configuration Register.
2.
Set the Master Enable bit
Set the Master Enable bit (DMMCR.MSTEN) of the DMA Master Control Register.
3.
Structure of the DMA command Descriptor chain
Construct the DMA Command Descriptor Chain in memory.
4.
Set the Count Register
Set “0” to the DMA Count Register (DMCNTRn) .
Sets the DMA Source Address Increment Register (DMSAIRn) and DMA destination Address
Increment Register (MMDAIRn).
5.
Clear the DMA Channel Status Register (DMCSRn)
Clear the status of the previous DMA transfer.
6.
Set the DMA Channel Control Register (DMCCRn).
“A”
+08
+10
+18
+20
+28
+30
+38
“B”
+08
+10
+18
+20
+28
+30
+38
“C”
+08
+10
+18
+20
+28
+30
+38
“D”
+08
+10
+18
+20
+28
+30
+38
“E”
+08
+10
+18
+20
+28
+30
+38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com