Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 552 page
background image
Chapter 8 DMA Controller
8-21
8.3.12 Interrupts
An interrupt number (10 – 13) of the Interrupt Controller is mapped to each channel. In addition,
there are completion interrupts for when transfer ends normally and error interrupts for when transfer
ends abnormally for each channel. When an interrupt occurs, then the bit that corresponds to either the
Normal Interrupt Status field (DIS[3:0]) or the Error Interrupt Status field (EIS[3:0]) of the DMA
Master Control Register (DMMCR) is set.
Figure 8.3.6 shows the relationship between the Status bit and Interrupt Enable bit for each interrupt
cause. Refer to the explanation for each Status bit for more information regarding each information
cause.
Figure 8.3.6 DMA Controller Interrupt Signal
8.3.13 Transfer Stall Detection Function
If the period from when a certain channel last performs internal bus access to when the next internal
bus access is performed exceeds the Transfer Stall Detection Interval field (STLTIME) of the DMA
Channel Control Register (DMCCRn), the Transfer Stall Detection bit (STLXFER) of the DMA
Channel Status Register (DMCSRn) is set. An error interrupt is signalled if the Error Interrupt Enable
bit (DMCCRn.INTENE) is set.
In contrast to other error interrupts, DMA transfer is not stopped. Normal DMA transfer is executed if
bus ownership can be obtained. Furthermore, clearing the Transfer Stall Detection field (STLXFER)
resumes transfer stall detection as well.
Setting the Transfer Stall Detection Interval field (STLTIME) to “000” disables the Transfer Stall
Detection function.
DMMCR.DIS[n]
DMCSRn.CFERR
DMCSRn.CHERR
DMCSRn.DESERR
DMCSRn.SORERR
DMCSRn.STLXFER
DMMCR.EIS[n]
DMCCRn.INTENE
DMCSRn.NCHNC
DMCCRn.INTENC
DMCSRn.NTRNFC
DMCCRn.INTENT
Interrupt Controller
(Interrupt No. 10 – 13)
DMCSRn.ABCHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com