Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 185 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 185 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 552 page
background image
Chapter 8 DMA Controller
8-29
Bit
Mnemonic
Field Name
Description
Read/Write
16
EXTRQ
External Request
External Request (Default: 0)
Sets the Request Transfer mode.
1: I/O DMA transfer mode
This bit is used by the External I/O DMA Transfer mode and the Internal
I/O DMA Transfer mode. A channel requests internal bus ownership when
the I/O device asserts the DMA request signal.
0: Memory Transfer mode
This bit is used by the Memory-Memory Copy Transfer mode and the
Memory Fill Transfer mode. A channel requests internal bus ownership
when the value of DMCSRn.WAITC becomes “0”.
R/W
15:13
STLTIME /
INTRQD
Transfer Stall
Detection
Interval/Internal
Request Delay
• When in the I/O DMA Transfer mode (DMCCRn.EXTRQ is “1”)
Stalled Transfer Detect Time (Default: 000)
Sets the detection interval for a lack of bus ownership. If this channel n
releases bus ownership then the interval it does not have ownership
exceeds the clock count set by this field, then DMCSRn.STLXFER is set to
“1”. Refer to “0
Transfer Stall Detection Function” for more information.
000: Does not detect stalled transfers.
001: Sets 960 (15
× 64) clocks as the detection interval
010: Sets 4032 (63
× 64) clocks as the detection interval
011: Sets 16320 (255
× 64) clocks as the detection interval
100: Sets 65472 (1023
× 64) clocks as the detection interval
101: Sets 262080 (4095
× 64) clocks as the detection interval
110: Sets 1048512 (16383
× 64) clocks as the detection interval
111: Sets 4194240 (65535
× 64) clocks as the detection interval
• When in the Memory Transfer mode (DMCCRn.EXTRQ is “0”)
Internal Request Delay (Default: 000)
Sets the delay time from when bus ownership is released to the next bus
ownership request. Bus ownership is released, the set delay time elapses,
then a bus ownership request is generated from the channel.
000: Always requests bus ownership when this channel is active.
(Bus ownership is released after bus operation ends)
001: Set 16 clocks as the delay time
010: Set 32 clocks as the delay time
011: Set 64 clocks as the delay time
100: Set 128 clocks as the delay time
101: Set 256 clocks as the delay time
110: Set 512 clocks as the delay time
111: Set 1024 clocks as the delay time
R/W
12
INTENE
Error Interrupt
Enable
Interrupt Enable on Error (Default: 0)
Enables interrupts when the Error End bit (DMCSRn.ABCHC) or the
Transfer Stall Detection bit (DMCSRn.STLXFER) is set.
1: Generates interrupts.
0: Does not generate interrupts.
R/W
11
INTENC
Chain End
Interrupt Enable
Interrupt Enable on Chain Done (Default: 0)
This bit enables interrupts when the Chain End bit (DMCSRn.NCHNC) is
set.
1: Generate interrupts.
0: Do not generate interrupts.
R/W
10
INTENT
Transfer End
Interrupt Enable
Interrupt Enable on Transfer Done (Default: 0)
This bit enables interrupts when the Transfer End bit (DMCSRn.NTRNFC)
is set.
1: Generate interrupts.
0: Do not generate interrupts.
R/W
Figure 8.4.2 DMA Channel Control Register (3/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com