Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 552 page
background image
Chapter 8 DMA Controller
8-30
Bit
Mnemonic
Field Name
Description
Read/Write
9
CHNEN
Chain Enable
Chain Enable (Default: 0)
This bit indicates whether Chain operation is being performed. Read Only.
This bit is cleared when either the Master Enable bit (DMMCR.MSTEN) is
cleared or the Channel Reset bit (DMCCRn.CHRST) is set. This bit is set if
a value other than “0” is set when the CPU writes to the DMA Chain
Address Register (DMCHARn) or when a Chain transfer writes DMA
Command Descriptor. This bit is then cleared when “0” is set to the DMA
Chain Address Register (DMCHARn).
1: If transfer completes due to the current DMA Channel Register setting, a
DMA Command Descriptor is loaded in the DMA Channel Register from
the specified DMA Chain Address Register (DMCHARn) address, then
DMA transfer continues.
0: Further transfer does not start even if transfer completes due to the
current DMA Channel Register setting.
R
8
XFACT
Transfer Active
Transfer Active (Default: 0)
DMA transfer is performed according to the DMA Channel Register setting
when this bit is set. This bit is automatically set when a value other than “0”
is set in the DMA Chain Address Register (DMCHARn). DMA transfer is
then initiated. This bit is automatically cleared either when DMA transfer
ends normally it is stopped due to an error.
1: Perform DMA transfer.
0: Do not perform DMA transfer.
R/W
7:6
Reserved
⎯
5
SMPCHN
Simple Chain
Simple Chain (Default: 0)
This bit selects the DMA Channel Register that loads data from DMA
Command Descriptors during Chain DMA transfer.
1: Data is only loaded to the four following DMA Channel Registers: the
Chain Address Register (DMCHARn), the Source Address Register
(DMSARn), the Destination Address Register (DMDARn), and the Count
Register (DMCNTRn).
0: Data is loaded to all eight DMA Channel Registers.
R/W
4:2
XFSZ
Transfer Set Size Transfer Set Size (Default: 000)
These bits set the transfer data size of each bus operation in the internal
bus.
When the transfer set size is set to four double words or greater, the data
size actually transferred during a single bus operation does not always
match the transfer set size. Refer to “8.3.7.2 Burst Transfer During Single
Address Transfer” and “8.3.8.2 Burst Transfer During Dual Address
Transfer” for more information.
000: 1 byte
001: 2 byte
010: 4 byte
011: 8 bytes (1double word)
100: 4 double words
101: 8 double words
110: 16 double words (Single Address transfer only)
111: 32 double words (Single Address transfer only)
R/W
1
MEMIO
Memory to I/O
Memory to I/O (Default: 0)
This bit specifies the transfer direction during Single Address transfer
(DMCCRn.SNGAD = 1). Clear this bit when in the Memory Fill Transfer
mode.
The setting of this bit is ignored when Dual Address transfer is set
(DMCCRn.SNGAD = 0).
1: From memory to I/O
0: From I/O to memory
R/W
0
SNGAD
Single Address
Single Address (Default: 0)
This bit specifies whether the transfer method is Single Address transfer or
Dual Address transfer.
1: Single Address transfer
0: Dual Address transfer
R/W
Figure 8.4.2 DMA Channel Control Register (4/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com