Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 225 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 225 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 221Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 222Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 223Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 224Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 225Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 226Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 227Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 228Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 229Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 552 page
background image
Chapter 9 SDRAM Controller
9-9
9.3.3
Initialization of SDRAM
The TX4937 Command Register has functions for generating the cycles required for initializing
SDRAM. Using software to set each register makes it possible to execute initial settings at a particular
timing.
1
Set the SDRAM Channel Control Register (SDCCRn).
2
Set the SDRAM Timing Register (SDCTR). This timing setting is applied to all channels, so please
set it to the slowest memory device.
3
Use the SDRAM Command Register (SDCCMD) to issue the Pre-charge All command.
4
Issue the Set Mode Register command in the same manner.
5
Set the refresh count required to initialize SDRAM to the refresh counter (SDCTR.RC)1 and set the
refresh cycle (SDCTR.RP).2 3
6
Wait until the refresh counter returns to “0.”
7
Set the refresh cycle (SDCTR.RP) to the proper value.
1 The number of refresh operations can be counted using the refresh counter. With this function, it is no longer
necessary to assemble special timing groups in the software when counting refresh operations.
2 Setting the refresh cycle to a small value makes it possible to expedite completion of the refresh cycle required for
SDRAM initialization. As described above, please set normal values after the required number of refresh cycles have
been generated.
3 Refresh requests have priority over all other SDRAM Controller access requests. Please do not set the memory
refresh cycle to an unnecessarily short value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com