Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 228 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 228 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 224Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 225Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 226Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 227Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 228Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 229Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 230Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 231Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 232Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 552 page
background image
Chapter 9 SDRAM Controller
9-12
9.3.6
Bus Errors
The SDRAMC detects bus errors in the following situations:
•
Bus time-out occurs during Read or Write operation to the SDRAMC
•
ECC 2-bit fault error or Parity error occurs during SDRAM Read operation
If a bus error occurs when accessing the SDRAMC, then the SDRAMC will immediately assert the
current operation. Then, the current SDRAM cycle will end, remaining SDRAMC operations will be
aborted, a Pre-charge All command will be issued to SDRAM, then the SDRAMC will return to the Idle
state.
9.3.7
Memory Read and Memory Write
The RAS* signal, CAS* signal, WE*, signal, and ADDR[19:5] signal are set up 1 cycle before the
SDCS* signal is asserted in the case of the Read command, Write command, Pre-charge command, or
Mode Register Set command. The same set up time is observed even for active commands if the Active
Command Ready bit (SDCTR.DA) of the SDRAM Timing Register is set. Figure 9.5.1 is a timing
diagram of Single Read operation when the SDCTR.DA bit is cleared. Figure 9.5.2 is a timing diagram
of Single Read operation when the SDCTR.DA bit is set.
Burst or Single Read operation is terminated by the Pre-charge Active Bank command. Burst or
Single Write operation is terminated by the Auto Pre-charge Command.
9.3.8
Slow Write Burst
When the Slow Write Burst bit (SDCTR.SWB) of the SDRAM Timing Register is cleared, the data
changes at each cycle during Burst Write operation (Figure 9.5.6). When the Slow Write Burst bit is set,
the data will change every other cycle (Figure 9.5.7).
When the Slow Write Burst bit is set, all Write accesses will operate as tRCD = 3tCK regardless of the
setting of the RAS-CAS Delay bit (SDCTR.RCD) of the SDRAM Timing Register. The RAS-CAS
Delay bit setting becomes valid when Slow Write Burst access is invalid. The setting of the Slow Burst
bit does not have any effect on Read access.
9.3.9
Clock Feedback
When performing Read access at fast rates like 100 MHz, there may be insufficient set up time if an
attempt to directly latch Read data with the internal clock is made. With the TX4937, it is possible to
latch data using SDRAM clock SDCLKIN that is input from outside the chip. Please connect
SDCLKIN to one of the SDCLK[3:0] pins and the external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com