Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 236 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 236 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 232Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 233Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 240Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 552 page
background image
Chapter 9 SDRAM Controller
9-20
9.4.2
SDRAM Timing Register (SDCTR)
0x8040
63
48
Reserved
:Type
:Initial value
47
34
33
32
Reserved
DIA
R/W
:Type
1
1
:Initial value
31
29
28
27
26
25
24
23
22
18
17
16
BC
ACP
PT
RCD
ACE
PDAE
RC
CASL
DRB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W :Type
1
0
1
1
1
1
1
0
0
0
0
0
0
0
1
0
:Initial value
15
14
13
12
11
0
DA
SWB
Reserved
RP
R/W
R/W
R/W
:Type
1
1
0x30C
:Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:34
—
—
Reserved
⎯
33:32
DIA
Write Active
Period
Data In to Active(tDAL) (Default: 11)
Specifies the period from the last Write data to the Active command.
00: Reserved
01: 4 tCK
1
10: 5 tCK
11: 6 tCK
R/W
31:29
BC
Bank Cycle Time
Bank Cycle Time (tRC) (Default: 101)
Specifies the bank cycle time.
2
000: 5 tCK 100: 9 tCK
001: 6 tCK 101: 10 tCK
010: 7 tCK 110: Reserved
011: 8 tCK 111: Reserved
R/W
28:27
ACP
Active Command
Time
Active Command Period (tRAS) (Default: 11)
Specifies the active command time.
00: 3 tCK
01: 4 tCK
10: 5 tCK
11: 6 tCK
R/W
26
PT
Precharge Time
Precharge Time (tRP) (Default: 1)
Specifies the precharge time.
0: 2 tCK
1: 3 tCK
R/W
25
RCD
RAS-CAS Delay
RAS to CAS Delay (tRCD) (Default: 1)
Specifies the RAS - CAS delay.
0: 2 tCK
1: 3 tCK
R/W
Figure 9.4.2 SDRAM Timing Register (1/2)
1 tCK = Clock cycle
2 tRC is used during (i) refresh cycle time, (ii) single Read, (iii) two transfer burst Reads. The bank cycle time is tRAS +
tRP + 1tCK if tRAS + tRP < tRC in the case of (ii) (iii).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com