Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 552 page
background image
Chapter 9 SDRAM Controller
9-22
9.4.3
SDRAM Command Register (SDCCMD)
0x8058
63
48
Reserved
:Type
:Initial value
47
32
Reserved
:Type
:Initial value
31
24
23
16
MDLNO
VERNO
R
R
:Type
0x30
0x10
:Initial value
15
14
13
12
11
8
7
4
3
0
Reserved
CCE
CMD
R/W
R/W
:Type
0x0
0x0
:Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:32
—
—
Reserved
⎯
31:24
MDLNO
Model Number
Model Number (Default: 0x30)
Indicates the model number. The default value is 0x30 for the TX4937.
This field is Read Only.
R
23:16
VERNO
Version Number
Version Number (Default: 0x10)
Indicates the version number. The default value is 0x10 for the TX4937.
This field is Read Only.
R
15:8
—
—
Reserved
⎯
7:4
CCE
Command
Channel Enable
Command Channel Enable
Setting one of these bits to “1” enables the command of the corresponding
channel. This command is simultaneously executed on all channels that
are enabled.
bit 7: Channel 3
bit 6: Channel 2
bit 5: Channel 1
bit 4: Channel 0
R/W
3:0
CMD
Command
Command
Specifies a command that is performed on memory.
0x0: NOP command
0x1: Set Mode Register command
Set SDRAM Mode Register from SDCTR value
0x2: Reserved
0x3: Precharge All command
Precharge All SDRAM Banks
0x4: Self-Refresh Mode command
Sets SDRAM to the Self-Refresh Mode
0x5: Power Down Mode Command
Set SDRAM to the Power Down Mode
0x6: Normal Mode Command
Cancel Self-Refresh/Power Down Mode
0x7-0xf: Reserved
R/W
Figure 9.4.3 SDRAM Command Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com