Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 552 page
background image
Chapter 10 PCI Controller
10-36
10.4.11 Subsystem ID Register (PCISID)
0xD02C
The Subsystem ID field corresponds to the Subsystem ID Register of the PCI Configuration Space,
and the Subsystem Vendor ID field corresponds to the Subsystem Vendor ID Register of the PCI
Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
16
SSID
R/L
: Type
0x0000
: Initial value
15
0
SSVID
R/L
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:16
SSID
Subsystem ID
Subsystem ID (Default: 0x0000)
This register is used to acknowledge either a subsystem that has a PCI
device or an add-in board.
It is possible to change the Subsystem ID by loading data from
Configuration EEPROM during initialization.
R/L
15:0
SSVID
Subsystem
Vendor ID
Subsystem Vendor ID (Default: 0x0000)
This register is used to acknowledge either a subsystem that has a PCI
device or an add-in board.
It is possible to change the Subsystem ID by loading data from
Configuration EEPROM during initialization.
R/L
Figure 10.4.9 Subsystem ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com