Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 291 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 291 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 295Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 552 page
background image
Chapter 10 PCI Controller
10-33
10.4.6 P2G Memory Space 0 PCI Upper Base Address Register (P2GM0PUBASE) 0xD014
This register is unused since the PCI Controller does not support the target dual-address cycle. It is
forbidden to write to this register.
10.4.7 P2G Memory Space 1 PCI Lower Base Address Register (P2GM1PLBASE) 0xD018
This register corresponds to the Memory Space 1 Lower Base Address Register at offset address 0x18
of the PCI Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
24
23
16
BA[31:24]
Reserved
R/W
: Type
0x00
: Initial value
15
4
3
2
1
0
Reserved
PF
TYPE
MSI
R
R
R
: Type
1
00
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:24
BA[31:24]
Base Address
Base Address (Default: 0x00)
Sets the lower address of the PCI base address in Target Access Memory
Space 1. The size of Memory Space 1 is fixed at 16 MB.
R/W
23:4
Reserved
⎯
3
PF
Prefetchable
Prefetchable (Fixed Value: 1)
1: Indicates that memory is prefetchable.
R
2:1
TYPE
Type
Memory Type (Default: 00)
00: Indicates that memory is placed in the 32-bit address space.
R
0
MSI
Memory Space
Memory Space Indicator (Fixed Value: 0)
0: Indicates that this Base Address Register is for use by the PCI Memory
Space.
R
Figure 10.4.6 P2G Memory Space 1 PCI Lower Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com