Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 552 page
background image
Chapter 10 PCI Controller
10-30
10.4.3 Class Code, Revision ID Register (PCICCREV) 0xD008
The Class Code field corresponds to the Class Code Register of the PCI Configuration Space, and the
Revision ID field corresponds to the Revision ID Register of the PCI Configuration Space.
This register cannot be accessed when in the Satellite mode.
31
16
CC
R/L
: Type
0x0600
: Initial value
15
8
7
0
CC
RID
R/L
R/L
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:8
CC
Class Code
Class Code (Default: 0x060000)
Classifies the device types. The default is 060000h, which defines the PCI
Controller as a Host bridge device.
It is possible to change the device type by loading data from Configuration
EEPROM during initialization.
R/L
7:0
RID
Revision ID
Revision ID
Indicates the device revision ID. Please contact our Engineering
Department for the exact value.
It is possible to change the revision ID by loading data from Configuration
EEPROM during initialization.
R/L
Figure 10.4.3 Class Code, Revision ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com