Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 552 page
background image
Chapter 10 PCI Controller
10-26
10.4.1 ID Register (PCIID)
0xD000[HH5]
The Device ID field corresponds to the Device ID Register in the PCI Configuration Space, and the
Vendor ID field corresponds to the Vendor ID register of the PCI Configuration Space.
This register cannot be access when in the Satellite mode.
31
16
DID
R/L
: Type
0x0182
: Initial value
15
0
VID
R/L
: Type
0x102F
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:16
DID
Device ID
Device ID (Default: 0x0182)
This register indicates the ID that is allocated to a device. The ID can be
changed by loading data from a configuration EEPROM during initialization.
R/L
15:0
VID
Vendor ID
Vendor ID (Default: 0x102F)
This register indicates the device product that is allocated by PCI SIG. The
product allocation can be changed by loading data from a configuration
EEPROM during initialization.
R/L
Figure 10.4.1 ID Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com