Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 280 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 280 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 276Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 277Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 284Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 552 page
background image
Chapter 10 PCI Controller
10-22
10.3.12.5 Special Programming
There may be some devices among PCI bus masters that operate differently from typical PCI
devices. PCI devices with the following characteristics can be made usable by changing the
programming of the PCI bus arbiter.
1.
Bus masters that can not re-assert REQ unless GNT is once deasserted after deasserting REQ
•
Assign the bus master to a request port other than Port A through the PBAREQPORT
register (at 0xD100). (Assign the TX4937 to Port A.)
•
Enable the Fixed Parked Master (FIXPA) bit in the PBACFG register (at 0xD104).
2.
Bus masters that initiate a PCI transaction even when the deassertion of GNT has taken away
their bus mastership before the start of the transaction
•
Assign the bus master to request port A, B, C or D through the PBAREQPORT register
(at 0xD100).
For example, a bus master with both of the above characteristics can be used by configuring the
PCI bus arbiter as follows:
Set the internal PCI bus arbiter to the fixed parked master.
Assign the TX4937 to request port A.
Assign the bus master to request port B.
If this bus master is connected to REQ[3] and broken master checking is to be enabled, values
to be written to the PBACFG and PBAREQPORT registers are as follows:
PBACFG (at 0xD104):
0x0000000B
PBAREQPORT (at 0xD100): 0x73546210
10.3.13 PCI Boot
Setting the configuration during boot up (ADDR[8:6]) makes it possible to set the reset exception
vector address of the TX49/H3 core to PCI Bus address 0x00_BFC0_0000.
Two windows of the memory space from the G-Bus to the PCI Bus space are used when in the PCI
Boot mode. The defaults of several registers are changed as indicated below.
•
G-Bus base address (G2GBASE):
0x0_1FC0_0000
•
Space size (G2PM2MASK):
4 MB
•
PCI Bus base address (G2PM2PBASE):
0x00_BFC0_0000
•
Initiator Memory Space 2 Enable (PCICCFG.G2PM2EN):
1
•
Bus Master bit (PCISTATUS.BM) [Only when in the Host mode]
1
•
Target Configuration Access Ready
(PCICSTAUTS.TCAR) [Only when in the Satellite mode]
1
Also, the on-chip PCI Bus Arbiter cannot be used when the PCI Boot mode is being used while in the
Satellite mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com