Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4937 Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 287Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 552 page
background image
Chapter 10 PCI Controller
10-25
Table 10.4.1 PCI Controller Control Register (2/2)
Section
Address
Size
Mnemonic
Register Name
10.4.41
0xD160
64
G2PM2PBASE
G2P Memory Space 2 PCI Base Address Register
10.4.42
0xD168
64
G2PIOPBASE
G2P I/O Space PCI Base Address Register
10.4.43
0xD170
32
PCICCFG
PCI Controller Configuration Register
10.4.44
0xD174
32
PCICSTATUS
PCI Controller Status Register
10.4.45
0xD178
32
PCICMASK
PCI Controller Interrupt Mask Register
10.4.46
0xD180
64
P2GM0GBASE
P2G Memory Space 0 G-Bus Base Address Register
10.4.47
0xD188
64
P2GM1GBASE
P2G Memory Space 1 G-Bus Base Address Register
10.4.48
0xD190
64
P2GM2GBASE
P2G Memory Space 2 G-Bus Base Address Register
10.4.49
0xD198
64
P2GIOGBASE
P2G I/O Space G-Bus Base Address Register
10.4.50
0xD1A0
32
G2PCFGADRS
G2P Configuration Address Register
10.4.51
0xD1A4
32
G2PCFGDATA
G2P Configuration Data Register
10.4.52
0xD1C8
32
G2PINTACK
G2P Interrupt Acknowldge Data Register
10.4.53
0xD1CC
32
G2PSPC
G2P Special Cycle Data Register
10.4.54
0xD1D0
32
PCICDATA0
Configuration Data 0 Register
10.4.55
0xD1D4
32
PCICDATA1
Configuration Data 1 Register
10.4.56
0xD1D8
32
PCICDATA2
Configuration Data 2 Register
10.4.57
0xD1DC
32
PCICDATA3
Configuration Data 3 Register
10.4.58
0xD200
64
PDMCA
PDMAC Chain Address Register
10.4.59
0xD208
64
PDMGA
PDMAC G-Bus Address Register
10.4.60
0xD210
64
PDMPA
PDMAC PCI Bus Address Register
10.4.61
0xD218
64
PDMCTR
PDMAC Count Register
10.4.62
0xD220
64
PDMCFG
PDMAC Configuration Register
10.4.63
0xD228
64
PDMSTATUS
PDMAC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com