Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-139
7
6
5
4
3
2
1
0
Bit symbol
QCU
PG1T
PG0T
DB6EN
DB4EN
Read/Write
R/W
R/W
After reset
0
0
0
0
0
Double buffer
0: Disable
1: Enable
Function
Warm-up
timer
control
PG1 shift
trigger
0: 8-bit timer
trigger
(Timers 0, 1)
1: 16-bit
timer
trigger
(Timer 5)
PG0 shift
trigger
0: 8-bit timer
trigger
(Timers 0, 1)
1: 16-bit
timer
trigger
(Timer 4)
Double
buffer of
TREG6
Double
buffer of
TREG4
Note 1: In case of not using the 7 stage binary counter as a warm-up timer, a stable clock signal must
be input from an external circuit.
Note 2: T45CR<bit6:4> are always read as “1”.
Figure 3.9.9 16-Bit Timer Trigger Control Register (T45CR)
0
8-bit timer trigger (Timers 0 and 1)
1
16-bit timer trigger (Timer 4)
Selecting PG0 shift trigger
0
Disable
1
Enable
Double buffer control
0
8-bit timer trigger (Timers 0 and 1)
1
16-bit timer trigger (Timer 5)
Selecting PG1 shift trigger
0
Uses 7 stage binary counter
1
Does not use 7 stage binary counter (Note 1)
Warm-up timer input control
DB6EN: Double buffer of TREG6
DB4EN: Double buffer of TREG4
T45CR
(003AH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com