Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-140
7
6
5
4
3
2
1
0
Bit symbol
PRRUN
T5RUN
T4RUN
P1RUN
P0RUN
T1RUN
T0RUN
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
Prescaler and timer run/stop control
0: Stop and clear
1: Run (Count up)
7
6
5
4
3
2
1
0
Bit symbol
XEN
XTEN
RXEN
RXTEN
RSYSCK
WUEF
PRCK1
PRCK0
Read/Write
R/W
After reset
1
0
1
0
0
0
0
0
Function
High-
frequency
oscillator (fc)
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
0: Stop
1: Oscillation
High-
frequency
oscillator (fc)
after release
STOP mode
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
after release
STOP mode
0: Stop
1: Oscillation
Select clock
after release
STOP mode
0: fc
1: fs
Warm-up
timer (Write)
0: Don’t care
1: Start timer
(Read)
0: End
warm up
1: Continue
warm up
Select prescaler clock input
00: fFPH
01: fs
10: fc/16
11: (Reserved)
Figure 3.9.10 Timer Operation Control Register/System Clock Control Register
SYSCR0
(006EH)
Count operation
0
Stop and clear
1
Count
PRRUN: Operation of prescaler
T5RUN: Operation of 16-bit timer (Timer 5)
T4RUN: Operation of 16-bit timer (Timer 4)
P1RUN: Operation of PWM timer (PWM1/timer 3)
P0RUN: Operation of PWM timer (PWM0/timer 2)
T1RUN: Operation of 8-bit timer (Timer 1)
T0RUN: Operation of 8-bit timer (Timer 0)
Note: TRUN<bit6> is always read as “1”.
00 fFPH
01 fs
10 fc/16
11 (Reserved)
Select prescaler clock input
Clock divided by 4
TRUN
(0020H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com