Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 144 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 144 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-142
The clock selected from among fFPH, fc/16, and fs is divided by 4 and input to this
prescaler. This selection is made by prescaler clock selection register SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to 00, selecting the fFPH clock input divided by 4.
The 16-bit timers 4 and 5 select among 3 clock inputs:
φT1, φT4, and φT16 among the
prescaler outputs.
This prescaler can be run or stopped by the timer operation control register
TRUN<PRRUN>. Counting starts when <PRRUN> is set to “1”. The prescaler is cleared to
zero and stops operation when <PRRUN> is set to “0”.
Resetting clears <PRRUN> to “0” and stops the prescaler.
When the IDLE1 mode (In which only the oscillator operates) is used, set
TRUN<PRRUN> to “0” to reduce the power consumption of the prescaler before the
“HALT” instruction is executed.
2. Up counter
The up counter is a 16-bit binary counter which counts up according to the input clock
specified by T4MOD<T4CLK1:0> register.
The alternatives for selecting the input clock include any one of the internal clocks
φT1,
φT4, and φT16 from the 9-bit prescaler (which is also used as an 8-bit timer), as well as the
external clock from the TI4 pin (which itself can also be used as the P80 or INT4 pin). When
reset, <T4CLK1:0> will be initialized to 00; this selects TI4 input mode. Counting or stop
and clear of the counter are controlled by timer operation control register TRUN<T4RUN>.
When clearing is enabled, up counter UC4 will be cleared each time it matches the timer
register TREG5. The “clear enable/disable” setting is made by T4MOD<CLE>.
If clearing is disabled, the counter operates as a free-running counter.
3. Timer registers (TREG4 to TREG7)
These two 16-bit registers are used to set the interval time. When the value of up counter
UC4 matches the value set in this timer register, the comparator match detect signal will
be activated.
Setting data in both lower and upper registers are always needed. For example, either by
using a 2-byte data transfer instruction, or by using 1-byte data transfer instructions twice:
once for the lower 8 bits and once for the upper 8 bits in that order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com