Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-197
7
6
5
4
3
2
1
0
ADMOD2
Bit symbol
VREFON
SPEED1
SPEED0
ADCH2
ADCH1
ADCH0
(005FH)
Read/Write
R/W
R/W
R/W
After reset
1
0
0
0
0
0
Function
String
resistance
ON/OFF
Conversion speed
00: 160 states
01: 320 states
10: 640 states
11: 1280 states
Analog input channel selection
Figure 3.12.3 AD Control Register (2/2)
00
160 states (16
µs at 20 MHz)
01
320 states (32
µs at 20 MHz)
10
640 states (64
µs at 20 MHz)
11
1280 states (128
µs at 20 MHz)
Conversion speed
Analog input channel selection
<SCAN>
<ADCH2:0
>
0
1
000
AN0
AN0
001
AN1
AN0
→ AN1
010
AN2
AN0
→ AN1 → AN2
011
AN3
AN0
→ AN1 → AN2 → AN3
100
AN4
AN4
101
AN5
AN4
→ AN5
110
AN6
AN4
→ AN5 → AN6
111
AN7
AN4
→ AN5 → AN6 → AN7
0
String resistance OFF
1
String resistance ON
String resistance ON/OFF selection
Note: Set the <VREFON> register to “1” before starting
conversion (setting <ADS> to “1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com