Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 202 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 202 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 206Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-200
3.12.1
Operation
(1) Analog reference voltage
The high analog reference voltage is applied to the VREFH pin, and the low analog
reference voltage is applied to the VREFL pin.
The reference voltage between VREFH and VREFL is divided by 1024 (using string
resistance) and compared with the analog input voltage for AD conversion.
The switch between VREFH and VREFL can be turned off by writing “0” to
ADMOD2<VREFON>.
When <VRFFON>
= “0”, before the conversion can start, must be written to
<VREFON> and a 3
µs period must be allowed so that the internal reference voltage
can stabilize (regardless of fc) before “1” is written to ADMOD1<ADS>.
(2) Analog input channels
The analog input channel is selected by ADMOD2<ADCH2:0>. However, the channel
which should be selected depends on the operation mode of the AD converter.
In fixed analog input mode, one channel is selected out of eight pins, AN0 to AN7, by
<ADCH2:0>.
In analog input channel scan mode, the number of channels to be scanned is
specified by ADMOD2<ADCH2:0>. For example, AN0 only, AN0
→ AN1, AN0 → AN1
→ AN2, AN0 → AN1 → AN2 → AN3, AN4 only, AN4 → AN5, AN4 → AN5 → AN6, or
AN4
→ AN5 → AN6 → AN7.
When reset the AD conversion channel register will be initialized to
ADMOD2<ADCH2:0>
= “000”, so that the AN0 pin is selected.
The pins which are not used as analog input channels can be used as ordinary input
port pins for port P5.
(3) Starting AD conversion
AD conversion starts when “1” is written to the AD conversion register
ADMOD1<ADS>. When conversion starts, the conversion busy flag ADMOD1<ADBF>,
which indicates that conversion is in progress, is set to “1”.
(4) AD conversion mode
Both fixed AD conversion channel mode and conversion channel scan mode include
two conversion modes; single and repeat conversion mode.
In fixed channel repeat mode, conversion of the specified single channel is executed
repeatedly.
In scan repeat mode, scanning is executed repeatedly.
The AD conversion mode is selected by ADMOD1<REPET, SCAN>.
(5) AD conversion speed selection
There are four AD conversion speed modes. The selection is made by the
ADMOD2<SPEED1:0> register.
When reset, <SPEED1:0> is initialized to “00”, selecting 160-state conversion mode
(16
µs at 20 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com