Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-201
(6) AD conversion end and interrupt
• AD conversion single mode
When AD conversion of the specified channel has finished (in fixed channel
conversion mode) or when AD conversion of the last channel has finished (in channel
scan mode), ADMOD<EOCF> is set to “1”, the ADMOD<ADBF> flag is reset to “0”, and
the INTAD interrupt is generated.
• AD conversion repeat mode
For both fixed conversion channel mode and conversion channel scan mode, INTAD
should be disabled in repeat mode. Always set INTE0AD to “000”, to disable the
interrupt request.
Write 0 to ADMOD2<REPET> to terminate repeat mode. Repeat mode will be exited
as soon as the conversion in progress is completed.
(7) Storing the AD conversion result
The results of AD conversion are stored in the registers ADREG04, ADREG15,
ADREG26, ADREG37 for each channel. The result registers are used as AN0 and AN4,
AN1 and AN5, AN2 and AN6, and AN3 and AN7.
However, the contents of the registers do not indicate which channel’s data has been
converted.
In repeat mode, the registers are updated as soon as conversion ends.
ADREG04 to ADREG37 are read only registers.
(8) Reading the AD conversion result
The results of AD conversion are stored in the registers ADREG04 to ADREG37.
When the lowest two bits of one of the registers ADREG04L, ADREG15L,
ADREG26L, or ADREG37L are read, ADMOD1<EOCF> is cleared to “0”.
<EOCF> is not cleared to “0” when the upper eight bits of one of the registers
ADREG04H, ADREG15H, ADREG26H, or ADREG37H are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com