Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 125 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 125 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 121Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 122Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 124Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 129Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 252 page
background image
Page 113
TMP86FS23UG
Note 6: To the TimerCounter in the 16-bit mode, select the source clock by programming TC5CR<TC5CK>. Set the timer start
control and timer F/F control by programming TC6S and TFF6, respectively.
Note 7: The operating clock settings are limited depending on the timer operating mode. For the detailed descriptions, see Table
10-1 and Table 10-2.
Note 8: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 10-
3.
Note 9: To use the PDO, PWM or PPG mode, a pulse is not output from the timer output pin when TC1CR2<TC6OUT> is set to 1.
To output a pulse from the timer output pin, clear TC1CR2<TC6OUT> to 0.
Note 1: For 16-bit operations (16-bit timer/event counter, warm-up counter, 16-bit PWM and 16-bit PPG), set its source clock on
lower bit (TC5CK).
Note 2: Ο : Available source clock
Table 10-1 Operating Mode and Selectable Source Clock (NORMAL1/2 and IDLE1/2 Modes)
Operating mode
fc/211
or
fs/23
fc/27
fc/25
fc/23
fs
fc/2
fc
TC5
pin input
TC6
pin input
8-bit timer
ΟΟΟ
Ο
–
––––
8-bit event counter
–––––
––
Ο
Ο
8-bit PDO
ΟΟΟ
Ο
–
––––
8-bit PWM
ΟΟΟ
ΟΟΟΟ
––
16-bit timer
ΟΟΟ
Ο
–
––––
16-bit event counter
–––––
––
Ο
–
Warm-up counter
––––
Ο
––––
16-bit PWM
ΟΟΟ
ΟΟΟΟΟ
–
16-bit PPG
ΟΟΟ
Ο
––
–
Ο
–
Table 10-2 Operating Mode and Selectable Source Clock (SLOW1/2 and SLEEP1/2 Modes)
Operating mode
fc/211
or
fs/23
fc/27
fc/25
fc/23
fs
fc/2
fc
TC5
pin input
TC6
pin input
8-bit timer
Ο
––––
––––
8-bit event counter
–––––
––
ΟΟ
8-bit PDO
Ο
––––
––––
8-bit PWM
Ο
–––
Ο
––––
16-bit timer
Ο
––––
––––
16-bit event counter
–––––
––
Ο
–
Warm-up counter
–––––
–
Ο
––
16-bit PWM
Ο
–––
Ο
––
Ο
–
16-bit PPG
Ο
––––
––
Ο
–
Note1:
Note2:
For 16-bit operations (16-bit timer/event counter, warm-up counter, 16-bit PWM and 16-bit PPG), set its source clock on
lower bit (TC5CK).
Ο
: Available source clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com