Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 130Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 131Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 132Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 252 page
background image
Page 117
TMP86FS23UG
Note 1: In the programmable divider output mode, do not change the TTREGj setting while the timer is running.
Since TTREGj is not in the shift register configuration in the programmable divider output mode, the new
value programmed in TTREGj is in effect immediately after programming. Therefore, if TTREGi is changed
while the timer is running, an expected operation may not be obtained.
Note 2: When the timer is stopped during PDO output, the PDOj pin holds the output status when the timer is
stopped. To change the output status, program TCjCR<TFFj> after the timer is stopped. Do not change the
TCjCR<TFFj> setting upon stopping of the timer.
Example: Fixing the PDOj pin to the high level when the TimerCounter is stopped
CLR (TCjCR).3: Stops the timer.
CLR (TCjCR).7: Sets the PDOj pin to the high level.
Note 3: j = 5, 6
Example :Generating 1024 Hz pulse using TC6 (fc = 16.0 MHz)
Setting port
LD
(TTREG6), 3DH
: 1/1024
÷27/fc÷2 = 3DH
LD
(TC6CR), 00010001B
: Sets the operating clock to fc/27, and 8-bit PDO mode.
LD
(TC6CR), 00011001B
: Starts TC6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com