Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 139 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 139 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 135Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 136Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 137Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 138Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 139Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 140Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 141Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 252 page
background image
Page 127
TMP86FS23UG
10.3.9 Warm-Up Counter Mode
In this mode, the warm-up period time is obtained to assure oscillation stability when the system clocking is
switched between the high-frequency and low-frequency. The timer counter 5 and 6 are cascadable to form a
16-bit TimerCouter. The warm-up counter mode has two types of mode; switching from the high-frequency to
low-frequency, and vice-versa.
Note 1: In the warm-up counter mode, fix TCiCR<TFFi> to 0. If not fixed, the PDOi, PWMi and PPGi pins may output
pulses.
Note 2: In the warm-up counter mode, only upper 8 bits of the timer register TTREG6 and 5 are used for match
detection and lower 8 bits are not used.
Note 3: i = 5, 6
10.3.9.1 Low-Frequency Warm-up Counter Mode
(NORMAL1
→ NORMAL2 → SLOW2 → SLOW1)
In this mode, the warm-up period time from a stop of the low-frequency clock fs to oscillation stability
is obtained. Before starting the timer, set SYSCR2<XTEN> to 1 to oscillate the low-frequency clock.
When a match between the up-counter and the timer register (TTREG6, 5) value is detected after the timer
is started by setting TC6CR<TC6S> to 1, the counter is cleared by generating the INTTC6 interrupt
request. After stopping the timer in the INTTC6 interrupt service routine, set SYSCR2<SYSCK> to 1 to
switch the system clock from the high-frequency to low-frequency, and then clear of SYSCR2<XTEN> to
0 to stop the high-frequency clock.
Table 10-8 Setting Time of Low-Frequency Warm-Up Counter Mode (fs = 32.768 kHz)
Maximum Time Setting
(TTREG6, 5 = 0100H)
Maximum Time Setting
(TTREG6, 5 = FF00H)
7.81 ms
1.99 s
Example :After checking low-frequency clock oscillation stability with TC6 and 5, switching to the SLOW1 mode
SET
(SYSCR2).6
: SYSCR2<XTEN>
← 1
LD
(TC5CR), 43H
: Sets TFF5=0, source clock fs, and 16-bit mode.
LD
(TC6CR), 05H
: Sets TFF6=0, and warm-up counter mode.
LD
(TTREG5), 8000H
: Sets the warm-up time.
(The warm-up time depends on the oscillator characteristic.)
DI
: IMF
← 0
SET
(EIRH). 5
: Enables the INTTC6.
EI
: IMF
← 1
SET
(TC6CR).3
: Starts TC6 and 5.
:
:
PINTTC6:
CLR
(TC6CR).3
: Stops TC6 and 5.
SET
(SYSCR2).5
: SYSCR2<SYSCK>
← 1
(Switches the system clock to the low-frequency clock.)
CLR
(SYSCR2).7
: SYSCR2<XEN>
← 0 (Stops the high-frequency clock.)
RETI
:
:
VINTTC6:
DW
PINTTC6
: INTTC6 vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com