Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 138Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 139Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 140Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 141Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 252 page
background image
Page 130
11. Asynchronous Serial interface (UART )
11.2 Control
TMP86FS23UG
11.2 Control
UART is controlled by the UART Control Registers (UARTCR1, UARTCR2). The operating status can be moni-
tored using the UART status register (UARTSR).
Note 1: When operations are disabled by setting TXE and RXE bit to “0”, the setting becomes valid when data transmit or receive
complete. When the transmit data is stored in the transmit data buffer, the data are not transmitted. Even if data transmit is
enabled, until new data are written to the transmit data buffer, the current data are not transmitted.
Note 2: The transmit clock and the parity are common to transmit and receive.
Note 3: UARTCR1<RXE> and UARTCR1<TXE> should be set to “0” before UARTCR1<BRG> is changed.
Note: When UARTCR2<RXDNC> = “01”, pulses longer than 96/fc [s] are always regarded as signals; when UARTCR2<RXDNC>
= “10”, longer than 192/fc [s]; and when UARTCR2<RXDNC> = “11”, longer than 384/fc [s].
UART Control Register1
UARTCR1
(0025H)
76
543
210
TXE
RXE
STBT
EVEN
PE
BRG
(Initial value: 0000 0000)
TXE
Transfer operation
0:
1:
Disable
Enable
Write
only
RXE
Receive operation
0:
1:
Disable
Enable
STBT
Transmit stop bit length
0:
1:
1 bit
2 bits
EVEN
Even-numbered parity
0:
1:
Odd-numbered parity
Even-numbered parity
PE
Parity addition
0:
1:
No parity
Parity
BRG
Transmit clock select
000:
001:
010:
011:
100:
101:
110:
111:
fc/13 [Hz]
fc/26
fc/52
fc/104
fc/208
fc/416
TC5 ( Input INTTC5)
fc/96
UART Control Register2
UARTCR2
(0026H)
765
432
1
0
RXDNC
STOPBR
(Initial value: **** *000)
RXDNC
Selection of RXD input noise
rejectio time
00:
01:
10:
11:
No noise rejection (Hysteresis input)
Rejects pulses shorter than 31/fc [s] as noise
Rejects pulses shorter than 63/fc [s] as noise
Rejects pulses shorter than 127/fc [s] as noise
Write
only
STOPBR
Receive stop bit length
0:
1:
1 bit
2 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com