Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 145 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 145 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 141Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 146Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 252 page
background image
Page 133
TMP86FS23UG
11.4 Transfer Rate
The baud rate of UART is set of UARTCR1<BRG>. The example of the baud rate are shown as follows.
When TC5 is used as the UART transfer rate (when UARTCR1<BRG> = “110”), the transfer clock and transfer
rate are determined as follows:
Transfer clock [Hz] = TC5 source clock [Hz] / TTREG5 setting value
Transfer Rate [baud] = Transfer clock [Hz] / 16
11.5 Data Sampling Method
The UART receiver keeps sampling input using the clock selected by UARTCR1<BRG> until a start bit is
detected in RXD pin input. RT clock starts detecting “L” level of the RXD pin. Once a start bit is detected, the start
bit, data bits, stop bit(s), and parity bit are sampled at three times of RT7, RT8, and RT9 during one receiver clock
interval (RT clock). (RT0 is the position where the bit supposedly starts.) Bit is determined according to majority
rule (The data are the same twice or more out of three samplings).
Figure 11-4 Data Sampling Method
Table 11-1 Transfer Rate (Example)
BRG
Source Clock
16 MHz
8 MHz
4 MHz
000
76800 [baud]
38400 [baud]
19200 [baud]
001
38400
19200
9600
010
19200
9600
4800
011
9600
4800
2400
100
4800
2400
1200
101
2400
1200
600
RT0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 0
1
2
3
4
5
6
7
8
9 10 11
Bit 0
Start bit
Bit 0
Start bit
(a) Without noise rejection circuit
RT clock
Internal receive data
RT0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 0
1
2
3
4
5
6
7
8
9 10 11
Bit 0
Start bit
Bit 0
Start bit
RT clock
Internal receive data
(b) With noise rejection circuit
RXD pin
RXD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com