Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 146Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 149Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 150Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 252 page
background image
Page 135
TMP86FS23UG
11.9 Status Flag
11.9.1 Parity Error
When parity determined using the receive data bits differs from the received parity bit, the parity error flag
UARTSR<PERR> is set to “1”. The UARTSR<PERR> is cleared to “0” when the RDBUF is read after read-
ing the UARTSR.
Figure 11-5 Generation of Parity Error
11.9.2 Framing Error
When “0” is sampled as the stop bit in the receive data, framing error flag UARTSR<FERR> is set to “1”.
The UARTSR<FERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Figure 11-6 Generation of Framing Error
11.9.3 Overrun Error
When all bits in the next data are received while unread data are still in RDBUF, overrun error flag
UARTSR<OERR> is set to “1”. In this case, the receive data is discarded; data in RDBUF are not affected.
The UARTSR<OERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Parity
Stop
Shift register
pxxxx0*
1pxxxx0
xxxx0**
RXD pin
UARTSR<PERR>
INTRXD interrupt
After reading UARTSR then
RDBUF clears PERR.
Final bit
Stop
Shift register
xxxx0*
0xxxx0
xxx0**
RXD pin
UARTSR<FERR>
INTRXD interrupt
After reading UARTSR then
RDBUF clears FERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com