Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 146Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 149Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 252 page
background image
Page 134
11. Asynchronous Serial interface (UART )
11.6 STOP Bit Length
TMP86FS23UG
11.6 STOP Bit Length
Select a transmit stop bit length (1 bit or 2 bits) by UARTCR1<STBT>.
11.7 Parity
Set parity / no parity by UARTCR1<PE> and set parity type (Odd- or Even-numbered) by UARTCR1<EVEN>.
11.8 Transmit/Receive Operation
11.8.1 Data Transmit Operation
Set UARTCR1<TXE> to “1”. Read UARTSR to check UARTSR<TBEP> = “1”, then write data in TDBUF
(Transmit data buffer). Writing data in TDBUF zero-clears UARTSR<TBEP>, transfers the data to the transmit
shift register and the data are sequentially output from the TXD pin. The data output include a one-bit start bit,
stop bits whose number is specified in UARTCR1<STBT> and a parity bit if parity addition is specified.
Select the data transfer baud rate using UARTCR1<BRG>. When data transmit starts, transmit buffer empty
flag UARTSR<TBEP> is set to “1” and an INTTXD interrupt is generated.
While UARTCR1<TXE> = “0” and from when “1” is written to UARTCR1<TXE> to when send data are
written to TDBUF, the TXD pin is fixed at high level.
When transmitting data, first read UARTSR, then write data in TDBUF. Otherwise, UARTSR<TBEP> is not
zero-cleared and transmit does not start.
11.8.2 Data Receive Operation
Set UARTCR1<RXE> to “1”. When data are received via the RXD pin, the receive data are transferred to
RDBUF (Receive data buffer). At this time, the data transmitted includes a start bit and stop bit(s) and a parity
bit if parity addition is specified. When stop bit(s) are received, data only are extracted and transferred to
RDBUF (Receive data buffer). Then the receive buffer full flag UARTSR<RBFL> is set and an INTRXD
interrupt is generated. Select the data transfer baud rate using UARTCR1<BRG>.
If an overrun error (OERR) occurs when data are received, the data are not transferred to RDBUF (Receive
data buffer) but discarded; data in the RDBUF are not affected.
Note:When a receive operation is disabled by setting UARTCR1<RXE> bit to “0”, the setting becomes valid when
data receive is completed. However, if a framing error occurs in data receive, the receive-disabling setting
may not become valid. If a framing error occurs, be sure to perform a re-receive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com