Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 252 page
background image
Page 183
TMP86FS23UG
17.6.1 Operation Status Flag (CALC)
CALC indicates the status of the MAC unit. It is set to "1" when calculation is in progress and "0" when cal-
culation is not in progress.
17.6.2 Overflow Flag (OVRF)
OVRF is set to “1” if the sum of positive values is negative or the sum of negative values is positive in signed
multiply-accumulate mode. In other cases, it is cleared to “0”.
Note:In multiply mode, OVRF is always read as "0".
17.6.3 Carry Flag (CARF)
CARF is set to “1” if a carry occurs in the highest-order bit (bit 31) in a multiply-accumulate operation. In
other cases, it is cleared to "0".
Note: In multiply mode, CARF is always read as "0".
17.6.4 Sign Flag (SIGN)
SIGN contains the same data as the highest-order bit (bit 31) of the calculation result (regardless of whether
calculation is performed in signed or unsigned mode).
Note:SIGN is programmed by the calculation result. This flag is not affected by a write to the addend register.
17.6.5 Zero Flag (ZERF)
ZERF is set to “1” if the result register contains “00000000H”. In other cases, it is cleared to “0”. It is also set
to “1” if the result register contains “00000000H” after an overflow or carry has occurred.
Note:ZERF is programmed by the calculation result. This flag is not affected by a write to the addend register.
17.7 Example of Software Processing
The following shows an example of calculating X =
αx + βy + γz. The calculation time is 3µs when fc = 8 MHz.
The multiplier and multiplicand are separately stored in data RAM. The W and A registers are used as general-pur-
pose registers. The general-purpose registers are not saved on the stack. The processing for enabling/disabling the
MAC unit is not included.
Note 1: If the operation mode is changed by processing an interrupt during calculation, the correct calculation result may
not be obtained. Thus, before starting calculation, be sure to execute the DI instruction to disable interrupts.
Note 2: Before reading the result register after calculation is started, check that the CALC flag in the MACSR register is
"0" or wait for at least three machine cycles (e.g. NOP x 3).
Instruction
Processing Time
DI
(Disables interrupts.)
LD
WA, (RAM_Multiplier
α)
6 cycles/3
µs
LD
(MPLDRL), WA
; Multiplier register
6 cycles/3
µs
LD
WA, (RAM_Multiplier x)
6 cycles/3
µs
LD
(MPCDRL), WA
; Multiplicand register
6 cycles/3
µs
; The next data can be
written in succession.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com