Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 252 page
background image
Page 186
18. Flash Memory
18.1 Flash Memory Control
TMP86FS23UG
18.1 Flash Memory Control
The flash memory is controlled via the flash memory control register (FLSCR) and flash memory stanby control
resister (FLSSTB).
Note 1: The command sequence of the flash memory can be executed only when FLSMD="0011B". In other cases, any attempts
to execute the command sequence are ineffective.
Note 2: FLSMD must be set to either "1100B" or "0011B".
Note 3: BANKSEL is effective only in the serial PROM mode. In the MCU mode, the flash memory is always accessed with actual
addresses (1000-FFFFH) regardless of BANKSEL.
Note 4: Bits 2 through 0 in FLSCR are always read as don’t care.
Note 1: When FSTB is set to 1, do not execute the read/write instruction to the flash memory because there is a possibility that the
expected data is not read or the program is not operated correctly. If executing the read/write instruction, FSTB is initial-
ized to 0 automatically.
Note 2: If an interrupt is issued when FSTB is set to 1, FSTB is initialized to 0 automatically and then the vector area of the flash
memory is read.
Note 3: If the IDLE0/1/2, SLEEP0/1/2 or STOP mode is activated when FSTB is set to 1, FSTB is initialized to 0 automatically. In
the IDLE0/1/2, SLEEP0/1/2 or STOP mode, the standby function operates regardless of FSTB setting.
18.1.1 Flash Memory Command Sequence Execution Control (FLSCR<FLSMD>)
The flash memory can be protected from inadvertent write due to program error or microcontroller misoper-
ation. This write protection feature is realized by disabling flash memory command sequence execution via the
flash memory control register (write protect). To enable command sequence execution, set FLSCR<FLSMD>
to “0011B”. To disable command sequence execution, set FLSCR<FLSMD> to “1100B”. After reset,
FLSCR<FLSMD> is initialized to “1100B” to disable command sequence execution. Normally,
FLSCR<FLSMD> should be set to “1100B” except when the flash memory needs to be written or erased.
18.1.2 Flash Memory Bank Select Control (FLSCR<BANKSEL>)
In the serial PROM mode, a 2-kbyte BOOTROM is mapped to addresses 7800H-7FFFH and the flash mem-
ory is mapped to 2 banks at 8000H-FFFFH. Flash memory addresses 1000H-7FFFH are mapped to 9000H-
FFFFH as BANK0, and flash memory addresses 8000H-FFFFH are mapped to 8000H-FFFFH as BANK1.
FLSCR<BANKSEL> is used to switch between these banks. For example, to access the flash memory address
7000H, set FLSCR<BANKSEL> to “0” and then access F000H. To access the flash memory address 9000H,
set FLSCR<BANKSEL> to “1" and then access 9000H.
In the MCU mode, the flash memory is accessed with actual addresses at 1000H-FFFFH. In this case,
FLSCR<BANKSEL> is ineffective (i.e., its value has no effect on other operations).
Flash Memory Control Register
FLSCR
7
654
32
10
(0FFFH)
FLSMD
BANKSEL
(Initial value : 1100 1***)
FLSMD
Flash memory command sequence exe-
cution control
1100: Disable command sequence execution
0011: Enable command sequence execution
Others: Reserved
R/W
BANKSEL
Flash memory bank select control
(Serial PROM mode only)
0: Select BANK0
1: Select BANK1
R/W
Flash Memory Standby Control Register
FLSSTB
7
654
32
10
(0FE9H)
FSTB
(Initial value : **** ***0)
FSTB
Flash memory standby control
0: Disable the standby function.
1: Enable the standby function.
Write
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com