Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 252 page
background image
Page 188
18. Flash Memory
18.2 Command Sequence
TMP86FS23UG
18.2 Command Sequence
The command sequence in the MCU and the serial PROM modes consists of six commands (JEDEC compatible),
as shown in Table 18-2. Addresses specified in the command sequence are recognized with the lower 12 bits
(excluding BA, SA, and FF7FH used for read protection). The upper 4 bits are used to specify the flash memory
area, as shown in Table 18-3.
Note 1: Set the address and data to be written.
Note 2: The area to be erased is specified with the upper 4 bits of the address.
18.2.1 Byte Program
This command writes the flash memory for each byte unit. The addresses and data to be written are specified
in the 4th bus write cycle. Each byte can be programmed in a maximum of 40
µs. The next command sequence
cannot be executed until the write operation is completed. To check the completion of the write operation, per-
form read operations repeatedly until the same data is read twice from the same address in the flash memory.
During the write operation, any consecutive attempts to read from the same address is reversed bit 6 of the data
(toggling between 0 and 1).
Note:To rewrite data to Flash memory addresses at which data (including FFH) is already written, make sure to
erase the existing data by "sector erase" or "chip erase" before rewriting data.
18.2.2 Sector Erase (4-kbyte Erase)
This command erases the flash memory in units of 4 kbytes. The flash memory area to be erased is specified
by the upper 4 bits of the 6th bus write cycle address. For example, in the MCU mode, to erase 4 kbytes from
7000H to 7FFFH, specify one of the addresses in 7000H-7FFFH as the 6th bus write cycle. In the serial PROM
mode, to erase 4 kbytes from 7000H to 7FFFH, set FLSCR<BANKSEL> to "0" and then specify one of the
addresses in F000H-FFFFH as the 6th bus write cycle. The sector erase command is effective only in the MCU
and serial PROM modes, and it cannot be used in the parallel PROM mode.
Table 18-2 Command Sequence
Command
Sequence
1st Bus Write
Cycle
2nd Bus Write
Cycle
3rd Bus Write
Cycle
4th Bus Write
Cycle
5th Bus Write
Cycle
6th Bus Write
Cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
1
Byte program
555H
AAH
AAAH
55H
555H
A0H
BA
(Note 1)
Data
(Note 1)
----
2
Sector Erase
(4-kbyte Erase)
555H
AAH
AAAH
55H
555H
80H
555H
AAH
AAAH
55H
SA
(Note 2)
30H
3
Chip Erase
(All Erase)
555H
AAH
AAAH
55H
555H
80H
555H
AAH
AAAH
55H
555H
10H
4
Product ID Entry
555H
AAH
AAAH
55H
555H
90H
------
5
Product ID Exit
XXH
F0H
---
-------
Product ID Exit
555H
AAH
AAAH
55H
555H
F0H
------
6
Read Protect
555H
AAH
AAAH
55H
555H
A5H
FF7FH
00H
----
Table 18-3 Address Specification in the Command Sequence
Operating Mode
FLSCR
<BANKSEL>
Specified Address
MCU mode
Don’t care
1***H-F***H
Serial PROM mode
0
(BANK0)
9***H-F***H
1
(BANK1)
8***H-F***H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com