Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 231 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 231 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 227Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 228Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 235Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 252 page
background image
Page 219
TMP86FS23UG
Figure 19-5 Password Comparison
19.10.1Password String
The password string transmitted from the external controller is compared with the specified data in the flash
memory. When the password string is not matched to the data in the flash memory, the device enters the halt
condition due to the password error.
19.10.2Handling of Password Error
If a password error occurs, the device enters the halt condition. In this case, reset the device to reactivate the
serial PROM mode.
19.10.3Password Management during Program Development
If a program is modified many times in the development stage, confusion may arise as to the password.
Therefore, it is recommended to use a fixed password in the program development stage.
Example :Specify PNSA to F000H, and the password string to 8 bytes from address F001H
(PCSA becomes F001H.)
Password Section code abs = 0F000H
DB
08H
: PNSA definition
DB
“CODE1234”
: Password string definition
08H
01H
02H
03H
04H
05H
08H
F012H
F107H
F108H
Flash memory
F109H
F10AH
F10BH
F10CH
UART
F0H 12H F1H 07H 01H 02H 03H 04H 05H 06H 07H
08H
PNSA
PCSA
Password string
06H
07H
F10DH
F10EH
"08H" becomes
the umber of
passwords
8 bytes
Compare
Example
PNSA = F012H
PCSA = F107H
Password string = 01H,02H,03H,04H,05H
06H,07H,08H
RXD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com