Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 232 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 232 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 228Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 236Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 252 page
background image
Page 220
19. Serial PROM Mode
19.11 Product ID Code
TMP86FS23UG
19.11Product ID Code
The product ID code is the 13-byte data containing the start address and the end address of ROM. Table 19-17
shows the product ID code format.
19.12Flash Memory Status Code
The flash memory status code is the 7-byte data including the read protection status and the status of the data from
FFE0H to FFFFH. Table 19-18 shows the flash memory status code.
Table 19-17 Product ID Code Format
Data
Description
In the Case of TMP86FS23UG
1st
Start Mark (3AH)
3AH
2nd
The number of transfer data (10 bytes from 3rd to 12th byte)
0AH
3rd
Address length (2 bytes)
02H
4th
Reserved data
1DH
5th
Reserved data
00H
6th
Reserved data
00H
7th
Reserved data
00H
8th
ROM block count
01H
9th
The first address of ROM (Upper byte)
10H
10th
The first address of ROM (Lower byte)
00H
11th
The end address of ROM (Upper byte)
FFH
12th
The end address of ROM (Lower byte)
FFH
13th
Checksum of the transferred data (2’s compliment for the sum of
3rd through 12th bytes)
D2H
Table 19-18 Flash Memory Status Code
Data
Description
In the Case of TMP86FS23UG
1st
Start mark
3AH
2nd
Transferred data count (3rd through 6th byte)
04H
3rd
Status code
00H to 03H
(See figure below)
4th
Reserved data
00H
5th
Reserved data
00H
6th
Reserved data
00H
7th
Checksum of the transferred data (2’s compliment
for the sum of 3rd through 6th data)
3rd byte
00H
01H
02H
03H
checksum
00H
FFH
FEH
FDH
Status Code 1
765
43210
RPENA
BLANK
(Initial Value: 0000 00**)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com