Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 244Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 252 page
background image
Page 229
TMP86FS23UG
21. Electrical Characteristics
21.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
−0.3 to 6.5
V
Input voltage
VIN
−0.3 to VDD + 0.3
Output voltage
VOUT
−0.3 to VDD + 0.3
Output current (Per 1 pin)
IOUT1
P1, P30 to P34, P5, P6, P7, P8 port
−1.8
mA
IOUT2
P1, P2, P30 to P32, P5, P6, P7, P8 port
3.2
IOUT3
P33 to P37 port
30
Output current (Total)
Σ IOUT1
P1, P30 to P34, P5, P6, P7, P8 port
−30
Σ IOUT2
P1, P2, P30 to P32, P5, P6, P7, P8 port
60
Σ IOUT3
P33 to P37 port
80
Power dissipation [Topr = 85
°C]
PD
350
mW
Soldering temperature (Time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com