Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 243Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 244Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 247Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 252 page
background image
Page 232
21. Electrical Characteristics
21.3 DC Characteristics
TMP86FS23UG
21.3 DC Characteristics
Note 1: Typical values show those at Topr = 25
°C, VDD = 5 V
Note 2: Input current (IIN1, IIN2); The current through pull-up or pull-down resistor is not included.
Note 3: IDD does not include IREF current.
Note 4: The supply currents of SLOW 2 and SLEEP 2 modes are equivalent to IDLE 0, 1, 2.
Note 5: Output resistors ROS and ROC indicate "ON" when switching levels.
Note 6: VO2/3 indicates the output voltage at the 2/3 level when operating in the 1/4 or 1/3 duty mode.
Note 7: VO1/2 indicates the output voltage at the 1/2 level when operating in the 1/2 duty or static mode.
Note 8: VO1/3 indicates the output voltage at the 1/3 level when operating in the 1/4 or 1/3 duty mode.
Note 9: When using LCD, it is necessary to consider values of ROS1/2 and ROC1/2.
Note 10:When a program is executing in the flash memory or when data is being read from the flash memory, the flash memory
operates in an intermittent manner, causing peak currents in the operation current, as shown in Figure 21-1.
(VSS = 0 V, Topr = -40 to 85 °C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
–
0.9
–
V
Input current
IIN1
TEST
VDD = 5.5 V, VIN = 5.5 V/0 V
––
±2
µA
IIN2
Sink open drain, Tri-state
IIN3
RESET
, STOP
Input resistance
RIN2
RESET
pull-up
100
220
450
k
Ω
Output leakage current
ILO
Sink open drain, Tri-state
VDD = 5.5 V, VOUT = 5.5 V/0 V
––
±2
µA
Output high voltage
VOH
C-MOS, Tri–state port
VDD = 4.5 V, IOH = –0.7 mA
4.1
–
–
V
Output low voltage
VOL
Except XOUT and P3 port
VDD = 4.5 V, IOL = 1.6 mA
––
0.4
Output low current
IOL
High current port
(P33 to P37 port)
VDD = 4.5 V, VOL = 1.0 V
–20
–
mA
Supply current in
NORMAL1, 2 modes
IDD
VDD = 5.5 V
VIN = 5.3 V/0.2 V
fc = 16 MHz
fs = 32.768 kHz
When a program
operates on flash
memory
(Note10,11)
–12.6
20
mA
Supply current in
IDLE0, 1, 2 modes
–6
10
Supply current in
SLOW1 mode
VDD = 3.0 V
VIN = 2.8 V/0.2 V
fs = 32.768 kHz
When a program
operates on flash
memory
(Note10,11)
–40
260
µA
When a program
operates on RAM
–18
25
Supply current in
SLEEP1 mode
–10
18
Supply current in
SLEEP0 mode
–8
16
Supply current in
STOP mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
–0.5
10
Segment output low
resistance
ROS1
SEG pin
–20
–
k
Ω
Common output low
resistance
ROC1
COM pin
20
Segment output high
resistance
ROS2
SEG pin
200
Common output high
resistance
ROC2
COM pin
200
Segment/common
output voltage
VO2/3
SEG/COM pin
VDD = 5.0 V
VLC = 2.0 V
3.8
–
4.2
V
VO1/2
3.3
3.7
VO1/3
2.8
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com