Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
Data Sheet
ADIN1111
ON-CHIP DIAGNOSTICS
analog.com
Rev. A | 26 of 109
1. Read the PMA_PMD_STAT1 register (Device Address 0x01,
Register Address 0x0001).
2. Check the PMA_LINK_STAT_OK bit (Bit 2, Mask 0x0004) val-
ue. If the bit value is 0, indicating the link is down, skip the
following steps and start over again. If the bit value is 1,
indicating link is up, continue with the following steps.
3. Read the MSE_VAL register (Device Address 0x01, Register
Address 0x830B).
4. Process/use the measured MSE.
MSE Interpretation
The easiest use of the measured MSE is to compare the value read
from the MSE_VAL register directly with the MSE register value
range and to interpret the link quality as outlined in Table 21 or
Table 22.
Alternatively, the MSE_VAL register value can be interpreted as the
MSE as follows:
MSEdB =10log10MSEVAL×1.5523218 (3)
And the SNR can be calculated as follows:
SNRdB =−10×log10MSEVAL×1.5523218 (4)
where:
1.5523 is a coefficient related to the 10BASE-T1L modulation and
symbol coding.
218 is a coefficient coming from the implementation of the on-chip
logic mapping the 16-bit register to a useful range.
Table 21. Link Quality vs. MSE Register Value
Link Quality
SNR (dB)
MSE Register Value Range
(hex)
BER
Poor
<19.5
>0x0766
>10−8
Marginal
19.5 to 20.5
0x05E1 to 0x0766
10−8 to 10−10
Good
>20.5
<0x05E1
<10−10
Table 22. Signal Quality Indicator vs. MSE Register Value
SQI
SNR (dB)
MSE Register Value Range (hex) BER
0
<18
>0x0A74
>10−7
1
18 to 19
0x084E to 0x0A74
>10−7
2
19 to 20
0x0698 to 0x084E
10−9 to 10−7
3
20 to 21
0x053D to 0x0698
10−11 to 10−9
4
21 to 22
0x0429 to 0x053D
10−14 to 10−11
5
22 to 23
0x034E to 0x0429
<10−14
6
23 to 24
0x02A0 to 0x034E
<10−14
7
>24
<0x02A0
<10−14
PHY Slicer Spikes and Errors
The MSE quantity provides an important tool to evaluate the link
quality and the effect of noise on the performance of the 10BASE-
T1L link. However, given that the MSE is taken as an average value
over a period, in cases where the interference is a short transient,
the value of the MSE may not reflect this. Yet, there may be enough
affectation on the received symbols to produce packet errors.
For this type of transient interference, the ADIN1100, ADIN1101,
ADIN1110, ADIN1111, and ADIN2111 include indicators that keep
track of the maximum slicer input error and the number of error
spikes at the input of the slicer. These indicators also offer the
advantage that can be read while there is a 10BASE-T1L link and
normal data flow. Thus, these indicators can be utilized to track the
link integrity before a hard fault occurs.
Slicer Maximum Absolute Error
As noted in the Mean Squared Error at PHY Slicer section, after the
received analog signal is processed, the slicer makes the decision
whether the received signal corresponds to a +1, 0, or −1 (PAM3
symbol). For instance, a processed received signal may have a
value of 0.8. Thus, the slicer outputs a +1 symbol, given that 0.8 is
closer to +1 than to 0 or −1. The closer the processed signal is to
the ideal symbol, the more reliable the communication is.
Figure 18 shows the received processed signals at the input of
the slicer and the corresponding ideal symbols at the output of
the slicer. Notice that the signal marked as 3 has a value of 0.4.
Therefore, the slicer outputs a 0 symbol and the actual error is 0.4.
If the error is greater than 0.5, the received signal is closer to a
+1 symbol than to its ideal 0 symbol. Thus, the slicer interprets the
symbol as a +1, producing a bit error in the received frame.
The slicer maximum absolute error must always be less than a
value of 0.5. Values close to 0.5 or greater than 0.5 indicate that the
received signal integrity has been affected.
Figure 18. Maximum Slicer Input Error
This maximum error can be tracked over time, before it reaches
0.5, to provide an early indication of link degradation.
Slicer Error Spike Counter
In addition to the maximum slicer absolute error, which only tracks
the absolute error of the most deviated symbol, the ADIN1100,
ADIN1101, ADIN1110, ADIN1111, and ADIN2111 keep track of the
number of received symbols with an absolute error greater than a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com