Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 47 of 109
SPI REGISTER DETAILS
Table 43. SPI Register Map
Address
Name
Description
Reset
Access
0x00
IDVER
Identification Version Register.
0x00000010
R
0x01
PHYID
PHY Identification Register.
0x0283BC91
R
0x02
CAPABILITY
Supported Capabilities Register.
0x000006C3
R
0x03
RESET
Reset Control and Status Register.
0x00000000
W
0x04
CONFIG0
Configuration Register 0.
0x00000006
R/W
0x06
CONFIG2
Configuration Register 2.
0x00000800
R/W
0x08
STATUS0
Status Register 0.
0x00000040
R/W
0x09
STATUS1
Status Register 1.
0x00000000
R/W
0x0B
BUFSTS
Buffer Status Register.
0x00007700
R
0x0C
IMASK0
Interrupt Mask Register 0.
0x00001FBF
R/W
0x0D
IMASK1
Mask Bits for Driving the Interrupt Pin Register.
0x43FA1F1A
R/W
0x10
TTSCAH
Transmit Time Stamp Capture Register A (High).
0x00000000
R
0x11
TTSCAL
Transmit Time Stamp Capture Register A (Low).
0x00000000
R
0x12
TTSCBH
Transmit Time Stamp Capture Register B (High).
0x00000000
R
0x13
TTSCBL
Transmit Time Stamp Capture Register B (Low).
0x00000000
R
0x14
TTSCCH
Transmit Time Stamp Capture Register C (High).
0x00000000
R
0x15
TTSCCL
Transmit Time Stamp Capture Register C (Low).
0x00000000
R
0x20 to 0x27 by 1
MDIOACCn
MDIO Access Registers.
0x8C000000
R/W
0x30
TX_FSIZE
MAC Tx Frame Size Register.
0x00000000
R/W
0x31
TX
MAC Transmit Register.
0x00000000
W
0x32
TX_SPACE
Tx FIFO Space Register.
0x00000FFF
R
0x34
TX_THRESH
Transmit Threshold Register.
0x00000041
R/W
0x36
FIFO_CLR
MAC FIFO Clear Register.
0x00000000
W
0x37 to 0x3A by 1
SCRATCHn
Scratch Registers.
0x00000000
R/W
0x3B
MAC_RST_STATUS
MAC Reset Status.
0x00000003
R
0x3C
SOFT_RST
Software Reset Register.
0x00000000
W
0x3D
SPI_INJ_ERR
Inject an Error on MISO from the DUT.
0x00000000
R/W
0x3E
FIFO_SIZE
FIFO Sizes Register.
0x00000464
R/W
0x3F
TFC
Tx FIFO Frame Count Register.
0x00000000
R
0x40
TXSIZE
Tx FIFO Valid Half Words Register.
0x00000000
R
0x41
HTX_OVF_FRM_CNT
Host Tx Frames Dropped Due to FIFO Overflow.
0x00000000
R
0x42
MECC_ERR_ADDR
Address of a Detected ECC Error in Memory.
0x00000000
R
0x43 to 0x49 by 1
CECC_ERRn
Corrected ECC Error Counters.
0x00000000
R
0x50 to 0x6E by 2
ADDR_FILT_UPRn
MAC Address Rule and DA Filter Upper 16 Bits Registers.
0x00000000
R/W
0x51 to 0x6F by 2
ADDR_FILT_LWRn
MAC Address DA Filter Lower 32 Bits Registers.
0x00000000
R/W
0x70 to 0x72 by 2
ADDR_MSK_UPRn
Upper 16 Bits of the MAC Address Mask.
0x0000FFFF
R/W
0x71 to 0x73 by 2
ADDR_MSK_LWRn
Lower 32 Bits of the MAC Address Mask.
0xFFFFFFFF
R/W
0x80
TS_ADDEND
Time Stamp Accumulator Addend Register.
0x85555555
R/W
0x81
TS_1SEC_CMP
Timer Update Compare Register.
0x3B9ACA00
R/W
0x82
TS_SEC_CNT
Seconds Counter Register.
0x00000000
R/W
0x83
TS_NS_CNT
Nanoseconds Counter Register.
0x00000000
R/W
0x84
TS_CFG
Timer Configuration Register.
0x00000000
R/W
0x85
TS_TIMER_HI
High Period for TS_TIMER Register.
0x00000000
R/W
0x86
TS_TIMER_LO
Low Period for TS_TIMER Register.
0x00000000
R/W
0x87
TS_TIMER_QE_CORR
Quantization Error Correction Register.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com