Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 81 of 109
Table 139. Bit Descriptions for B10L_PMA_STAT (Continued)
Bits
Bit Name
Description
Reset
Access
[9:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L Test Mode Control Register
Device Address: 0x01; Register Address: 0x08F8, Reset: 0x0000, Name: B10L_TEST_MODE_CNTRL
This address corresponds to the 10BASE-T1L PMA test mode control register specified in Clause 45.2.1.186c of Standard 802.3cg. The default
value of this register selects normal operation without management intervention as the initial state of the device.
Table 140. Bit Descriptions for B10L_TEST_MODE_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:13]
B10L_TX_TEST_MODE
10BASE-T1L Transmitter Test Mode.
0x0
R/W
000: normal operation.
001: Test Mode 1—transmitter output voltage and timing jitter test mode. When Test Mode 1
is enabled, the PHY repeatedly transmits the data symbol sequence (+1, −1).
010: Test Mode 2—transmitter output droop test mode. When Test Mode 2 is enabled, the
PHY transmits ten +1 symbols followed by ten −1 symbols.
011: Test Mode 3—normal operation in idle mode. When Test Mode 3 is enabled, the PHY
transmits as in nontest operation and in the leader data mode with data set to normal
interframe idle signals.
[12:0]
RESERVED
Reserved.
0x0
R
Frequency Offset Saturation Threshold for CR Stability Check Register
Device Address: 0x01; Register Address: 0x8015, Reset: 0x0008, Name: CR_STBL_CHK_FOFFS_SAT_THR
Table 141. Bit Descriptions for CR_STBL_CHK_FOFFS_SAT_THR
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
[10:0]
CR_STBL_CHK_FOFFS_SAT_THR
Frequency Offset Saturation Threshold for Clock Recovery (CR) Stability
Check.
0x8
R/W
Follower IIR Filter Change Echo Acquisition Clock Recovery Proportional Gain Register
Device Address: 0x01; Register Address: 0x81E7, Reset: 0x0400, Name: SLV_FLTR_ECHO_ACQ_CR_KP
Table 142. Bit Descriptions for SLV_FLTR_ECHO_ACQ_CR_KP
Bits
Bit Name
Description
Reset
Access
[15:0]
SLV_FLTR_ECHO_ACQ_CR_KP
Follower Infinite Impulse Response (IIR) Filter Change Echo Acquisition Clock
Recovery Proportional Gain.
0x400
R/W
10BASE-T1L PMA Link Status Register
Device Address: 0x01; Register Address: 0x8302, Reset: 0x0000, Name: B10L_PMA_LINK_STAT
This address can be read to determine the 10BASE-T1L PMA link status. Reading B10L_PMA_LINK_STAT clears the latching condition of
these bits.
Table 143. Bit Descriptions for B10L_PMA_LINK_STAT
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com