Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 73 of 109
Table 125. Bit Descriptions for MMD_ACCESS_CNTRL (Continued)
Bits
Bit Name
Description
Reset
Access
[4:0]
MMD_ACR_DEVAD
Device Address. The value in this register directs any accesses to the MMD_DAR register to the
selected MMD.
0x0
R/W
MMD Access Register
Address: 0xE, Reset: 0x0000, Name: MMD_ACCESS
This address corresponds to the MMD access address data register specified in Clause 22.2.4.3.12 of IEEE Standard 802.3-2018.
The MMD_ADDR_DATA register is used with the MMD_ACCESS_CNTRL register to provide access to the MMD address space using the
interface and mechanisms defined in Clause 22.2.4.
Table 126. Bit Descriptions for MMD_ACCESS
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD_ACCESS
Access Address. This address corresponds to the MMD access address data register specified in
Clause 22.2.4.3.12 of IEEE Standard 802.3-2018.The MMD_ADDR_DATA register is used with the
MMD_ACCESS_CNTRL register to provide access to the MMD address space using the interface and
mechanisms defined in Clause 22.2.4.
0x0
R/W
PHY CLAUSE 45 REGISTER DETAILS
Table 127. PHY Clause 45 Register Summary
Device Address
Register Address
Name
Description
Reset
Access
0x01
0x0000
PMA_PMD_CNTRL1
PMA/PMD Control 1 Register.
0x0000
R/W
0x01
0x0001
PMA_PMD_STAT1
PMA/PMD Status 1 Register.
0x0002
R
0x01
0x0005
PMA_PMD_DEVS_IN_PKG1
PMA/PMD MMD Devices in Package 1.
0x008B
R
0x01
0x0006
PMA_PMD_DEVS_IN_PKG2
PMA/PMD MMD Devices in Package 2
Register.
0xC000
R
0x01
0x0007
PMA_PMD_CNTRL2
PMA/PMD Control 2 Register.
0x003D
R/W
0x01
0x0008
PMA_PMD_STAT2
PMA/PMD Status 2.
0x8301
R
0x01
0x0009
PMA_PMD_TX_DIS
PMA/PMD Transmit Disable Register.
0x0000
R/W
0x01
0x000B
PMA_PMD_EXT_ABILITY
PMA/PMD Extended Abilities Register.
0x0800
R
0x01
0x0012
PMA_PMD_BT1_ABILITY
BASE-T1 PMA/PMD Extended Ability Register.
0x0004
R
0x01
0x0834
PMA_PMD_BT1_CONTROL
BASE-T1 PMA/PMD Control Register.
0x8002
R/W
0x01
0x08F6
B10L_PMA_CNTRL
10BASE-T1L PMA Control Register.
0x0000
R/W
0x01
0x08F7
B10L_PMA_STAT
10BASE-T1L PMA Status Register.
0x2800
R
0x01
0x08F8
B10L_TEST_MODE_CNTRL
10BASE-T1L Test Mode Control Register.
0x0000
R/W
0x01
0x8015
CR_STBL_CHK_FOFFS_SAT_THR
Frequency Offset Saturation Threshold for CR
Stability Check Register.
0x0008
R/W
0x01
0x81E7
SLV_FLTR_ECHO_ACQ_CR_KP
Follower IIR Filter Change Echo Acquisition
Clock Recovery Proportional Gain Register.
0x0400
R/W
0x01
0x8302
B10L_PMA_LINK_STAT
10BASE-T1L PMA Link Status Register.
0x0000
R
0x01
0x830B
MSE_VAL
Mean Squared Error (MSE) Value Register.
0x0000
R
0x03
0x0000
PCS_CNTRL1
PCS Control 1 Register.
0x0000
R/W
0x03
0x0001
PCS_STAT1
PCS Status 1 Register.
0x0002
R
0x03
0x0005
PCS_DEVS_IN_PKG1
PCS MMD Devices in Package 1 Register.
0x008B
R
0x03
0x0006
PCS_DEVS_IN_PKG2
PCS MMD Devices in Package 2 Register.
0xC000
R
0x03
0x0008
PCS_STAT2
PCS Status 2 Register.
0x8000
R
0x03
0x08E6
B10L_PCS_CNTRL
10BASE-T1L PCS Control Register.
0x0000
R/W
0x03
0x08E7
B10L_PCS_STAT
10BASE-T1L PCS Status Register.
0x0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com