Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 80 of 109
Table 137. Bit Descriptions for PMA_PMD_BT1_CONTROL (Continued)
Bits
Bit Name
Description
Reset
Access
[3:0]
BT1_TYPE_SEL
BASE-T1 Type Selection. See IEEE Standard 802.3 for the following control register bit
definitions (where X means don't care):
0x2
R/W
1XXX: reserved.
01XX: reserved.
0011: 10BASE-T1S.
0010: 10BASE-T1L.
0001: 1000BASE-T.
0000: 100BASE-T.
BT1_TYPE_SEL is used only when autonegotiation is disabled and forced link configuration
mode is enabled. If autonegotiation is enabled, the PHY type is determined by the
autonegotiation process itself. Note that for ADIN1111, the only valid value is for 10BASE-T1L.
10BASE-T1L PMA Control Register
Device Address: 0x01; Register Address: 0x08F6, Reset: 0x0000, Name: B10L_PMA_CNTRL
This address corresponds to the 10BASE-T1L PMA control register specified in Clause 45.2.1.186a of Standard 802.3cg.
Table 138. Bit Descriptions for B10L_PMA_CNTRL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
B10L_TX_DIS_MODE_EN
10BASE-T1L Transmit Disable Mode. When this bit is set to 1, it disables output on
the transmit path. Otherwise, it enables output on the transmit path.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
12
B10L_TX_LVL_HI
10BASE-T1L Transmit Voltage Amplitude Control. This configuration is only used
when autonegotiation is disabled. Otherwise, the configuration is decided by the
autonegotiation process. When this bit is set as 1, the device works in the 2.4 V p-p
operating mode. Otherwise, the device works in the 1.0 V p-p operating mode.
Pin Dependent
R/W
11
RESERVED
Reserved.
0x0
R/W
10
B10L_EEE
10BASE-T1L EEE Enable.
0x0
R/W
[9:1]
RESERVED
Reserved.
0x0
R
0
B10L_LB_PMA_LOC_EN
10BASE-T1L PMA Loopback. When this bit is set to 1, the PMA accepts data on the
transmit path and returns it on the receive path. When this bit is set to 0, the PMA
works in normal mode.
0x0
R/W
10BASE-T1L PMA Status Register
Device Address: 0x01; Register Address: 0x08F7, Reset: 0x2800, Name: B10L_PMA_STAT
This address corresponds to the 10BASE-T1L PMA status register specified in Clause 45.2.1.186b of Standard 802.3cg.
Table 139. Bit Descriptions for B10L_PMA_STAT
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
B10L_LB_PMA_LOC_ABLE
10BASE-T1L PMA Loopback Ability. This bit always reads as 1 because the
PMA has loopback ability
0x1
R
12
B10L_TX_LVL_HI_ABLE
10BASE-T1L High Voltage Tx Ability. Indicates that the PHY supports
10BASE-T1L high voltage (2.4 V p-p) transmit level operating mode.
Pin Dependent
R
11
B10L_PMA_SFT_PD_ABLE
PMA Supports Power-Down. Indicates that the PMA supports software
power-down.
0x1
R
10
B10L_EEE_ABLE
10BASE-T1L EEE Ability. Indicates if the PHY supports 10BASE-T1L EEE.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com