Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 88 of 109
This address corresponds to the BASE-T1 autonegotiation next page transmit register, Bits[15:0], specified in Clause 45.2.7.23 of Standard
802.3. On power-up or autonegotiation reset, this register contains the default value, which represents a message page with the message code
set to null. Write AN_NEXT_PAGE_M and AN_NEXT_PAGE_H before AN_NEXT_PAGE_L.
Table 162. Bit Descriptions for AN_NEXT_PAGE_L
Bits
Bit Name
Description
Reset
Access
15
AN_NP_NEXT_PAGE_REQ
Next Page Request. This bit indicates to the link partner that the PHY wants to send a
next page. See IEEE Standard 802.3 Subclause 98.2.1.2.9.
0x0
R/W
14
AN_NP_ACK
Next Page Acknowledge. See IEEE Standard 802.3 Subclause 98.2.1.2.8.
0x0
R
13
AN_NP_MESSAGE_PAGE
Next Page Encoding. Indicates encoding of next page, as follows:
0x1
R/W
0: unformatted next page.
1: message next page.
12
AN_NP_ACK2
Acknowledge 2. Indicates whether the PHY can comply with the message. See IEEE
Standard 802.3 Subclause 28.2.3.4.6.
0x0
R/W
11
AN_NP_TOGGLE
Toggle Bit. The Toggle bit is used to synchronize pages between the PHYS. This is
always read as 0 (the toggle bit is set automatically by the arbitration state machine).
0x0
R
[10:0]
AN_NP_MESSAGE_CODE
Message/unformatted Code Field. For a message page (AN_NP_MESSAGE_PAGE = 1),
the valid values are defined in IEEE Standard 802.3.
0x1
R/W
1: null message.
5: organizationally unique identifier tagged message.
6: autonegotiation device identifier tag code.
BASE-T1 Autonegotiation Next Page Transmit Register, Bits[31:16]
Device Address: 0x07; Register Address: 0x0209, Reset: 0x0000, Name: AN_NEXT_PAGE_M
This address corresponds to the BASE-T1 autonegotiation next page transmit register, Bits[31:16], specified in Clause 45.2.7.23 of Standard
802.3. On power-up or autonegotiation reset, this register contains the default value, which represents a message page with the message code
set to null. Write AN_NEXT_PAGE_M and AN_NEXT_PAGE_H before AN_NEXT_PAGE_L.
Table 163. Bit Descriptions for AN_NEXT_PAGE_M
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_NP_UNFORMATTED1
Unformatted Code Field 1.
0x0
R/W
BASE-T1 Autonegotiation Next Page Transmit Register, Bits[47:32]
Device Address: 0x07; Register Address: 0x020A, Reset: 0x0000, Name: AN_NEXT_PAGE_H
This address corresponds to the BASE-T1 autonegotiation next page transmit register, Bits[47:42], specified in Clause 45.2.7.23 of Standard
802.3. On power-up or autonegotiation reset, this register contains the default value, which represents a message page with the message code
set to null. Write AN_NEXT_PAGE_M and AN_NEXT_PAGE_H before AN_NEXT_PAGE_L.
Table 164. Bit Descriptions for AN_NEXT_PAGE_H
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_NP_UNFORMATTED2
Unformatted Code Field 2.
0x0
R/W
BASE-T1 Autonegotiation Link Partner Next Page Ability Register, Bits[15:0]
Device Address: 0x07; Register Address: 0x020B, Reset: 0x0000, Name: AN_LP_NEXT_PAGE_L
This address corresponds to the BASE-T1 autonegotiation link partner's next page ability register, Bits[15:0], specified in Clause 45.2.7.24 of
Standard 802.3. The values of AN_LP_NEXT_PAGE_M and AN_LP_NEXT_PAGE_H are latched when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com