Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
Data Sheet
ADIN1111
MAC SPI
analog.com
Rev. A | 40 of 109
Table 38. Receive Latency for 16 MHz for All Supported Chunk Sizes
Chunk Size
(Bytes)
PHY Rx Latency (μs)
Time to Receive a Chunk
of Data on the Ethernet
Wire (μs) 1
Time to Start of Frame
Transfer over SPI (μs) 2
Total Rx Latency onto Wire
(μs)
Total Rx Latency to End of
First Chunk Transfer (μs) 3
64
6.4
57.6
17
81
98
32
6.4
32
9
47.4
56.4
16
6.4
19.2
5
30.6
35.6
8
6.4
12.8
3
22.2
25.2
1 Enough frame data to fill a chunk must be received before a transfer starts on the SPI. The time to receive the frame preamble is also included in this.
2 Assuming that the μC is not waiting for an interrupt and that it is providing back-to-back OPEN Alliance data transactions on the SPI. The frame transfers start in the middle
of the chunk on average.
3 Realistically, the μC cannot use the data until it receives the receive header at the end of the chunk.
Control Transactions
Table 39. Control Command Header
D31
D30
D29
D28
D27 to D24
D23 to D8
D7 to D1
D0
0
HDRB
WNR
AID
MMS
ADDR [15:0]
LEN
P
Control transactions consist of one or more control commands.
These commands are used by the SPI host to read and write
registers within the MAC-PHY, and each one is composed of a
32-bit control command header followed by register data. See Table
39.
See the following definitions:
►
HDRB: received header bad. When set by the MAC-PHY, HDRB
indicates that a header was received with a parity error. The SPI
host must always clear this bit. The MAC-PHY ignores this value.
►
WNR: write not read. If 1, data is to be written to registers.
Otherwise, data is to be read.
►
AID: address increment disable. When clear, the address is
automatically post-incremented by one following each register
read or write.
►
MMS: memory map selector. This field selects the specific regis-
ter memory map to access. See Table 40.
►
ADDR: address of the first register within the selected memory
map to access.
►
LEN: length. Specifies the number of registers to read/write. This
field is interpreted as the number of registers − 1. Therefore, a
length of 0 reads or writes a single register.
►
P: parity. Parity bit calculated over the control command header.
Method used is odd parity.
Table 40. Register Memory Maps (MMS)
MMS
Memory Map Description
0
Standard control and status (SPI Address 0x00 to Address 0x20)
1
MAC (from SPI Address 0x30)
Control Write
The MAC-PHY ignores the final 32 bits of data from the SPI host at
the end of the control write command. The write command and data
is also echoed from the MAC-PHY back to the SPI so it can identify
which register write failed in the case of any bus errors.
Control write commands can write either a single or multiple regis-
ters. When multiple registers are written, the address is automati-
cally post incremented.
When a control write command is followed by another control
command, the new control header must immediately follow the last
word of the echoed register write data. The SPI host must deassert
CS following the last word of the echoed register write data when
the write command is the last command of the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com