Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 75 of 109
Table 127. PHY Clause 45 Register Summary (Continued)
Device Address
Register Address
Name
Description
Reset
Access
0x1E
0x8818
CRSM_STAT
System Status Register.
0x0000
R
0x1E
0x8819
CRSM_PMG_CNTRL
CRSM Power Management Control Register.
0x0000
R/W
0x1E
0x882C
CRSM_DIAG_CLK_CTRL
CRSM Diagnostics Clock Control.
0x0002
R/W
0x1E
0x8C22
MGMT_PRT_PKG
Package Configuration Values Register.
0x0000
R
0x1E
0x8C30
MGMT_MDIO_CNTRL
MDIO Control Register.
0x0000
R/W
0x1E
0x8C56
DIGIO_PINMUX
Pin Mux Configuration 1 Register.
0x00FE
R/W
0x1E
0x8C80
LED0_BLINK_TIME_CNTRL
LED 0 On/Off Blink Time Register.
0x3636
R/W
0x1E
0x8C81
LED1_BLINK_TIME_CNTRL
LED 1 On/Off Blink Time Register.
0x3636
R/W
0x1E
0x8C82
LED_CNTRL
LED Control Register.
0x8480
R/W
0x1E
0x8C83
LED_POLARITY
LED Polarity Register.
0x0000
R/W
0x1F
0x0002
MMD2_DEV_ID1
Vendor Specific MMD 2 Device Identifier High
Register.
0x0283
R
0x1F
0x0003
MMD2_DEV_ID2
Vendor Specific MMD 2 Device Identifier Low
Register.
0xBC91
R
0x1F
0x0005
MMD2_DEVS_IN_PKG1
Vendor Specific 2 MMD Devices in Package
Register.
0x008B
R
0x1F
0x0006
MMD2_DEVS_IN_PKG2
Vendor Specific 2 MMD Devices in Package
Register.
0xC000
R
0x1F
0x0008
MMD2_STATUS
Vendor Specific MMD 2 Status Register.
0x8000
R
0x1F
0x0011
PHY_SUBSYS_IRQ_STATUS
PHY Subsystem Interrupt Status Register.
0x0000
R
0x1F
0x0021
PHY_SUBSYS_IRQ_MASK
PHY Subsystem Interrupt Mask Register.
0x2402
R/W
0x1F
0x8001
FC_EN
Frame Checker Enable Register.
0x0001
R/W
0x1F
0x8004
FC_IRQ_EN
Frame Checker Interrupt Enable Register.
0x0001
R/W
0x1F
0x8005
FC_TX_SEL
Frame Checker Transmit Select Register.
0x0000
R/W
0x1F
0x8008
RX_ERR_CNT
Receive Error Count Register.
0x0000
R
0x1F
0x8009
FC_FRM_CNT_H
Frame Checker Count High Register.
0x0000
R
0x1F
0x800A
FC_FRM_CNT_L
Frame Checker Count Low Register.
0x0000
R
0x1F
0x800B
FC_LEN_ERR_CNT
Frame Checker Length Error Count Register.
0x0000
R
0x1F
0x800C
FC_ALGN_ERR_CNT
Frame Checker Alignment Error Count Register. 0x0000
R
0x1F
0x800D
FC_SYMB_ERR_CNT
Frame Checker Symbol Error Count Register.
0x0000
R
0x1F
0x800E
FC_OSZ_CNT
Frame Checker Oversized Frame Count
Register.
0x0000
R
0x1F
0x800F
FC_USZ_CNT
Frame Checker Undersized Frame Count
Register.
0x0000
R
0x1F
0x8010
FC_ODD_CNT
Frame Checker Odd Nibble Frame Count
Register.
0x0000
R
0x1F
0x8011
FC_ODD_PRE_CNT
Frame Checker Odd Preamble Packet Count
Register.
0x0000
R
0x1F
0x8013
FC_FALSE_CARRIER_CNT
Frame Checker False Carrier Count Register.
0x0000
R
0x1F
0x8020
FG_EN
Frame Generator Enable Register.
0x0000
R/W
0x1F
0x8021
FG_CNTRL_RSTRT
Frame Generator Control/Restart Register.
0x0001
R/W
0x1F
0x8022
FG_CONT_MODE_EN
Frame Generator Continuous Mode Enable
Register.
0x0000
R/W
0x1F
0x8023
FG_IRQ_EN
Frame Generator Interrupt Enable Register.
0x0000
R/W
0x1F
0x8025
FG_FRM_LEN
Frame Generator Frame Length Register.
0x006B
R/W
0x1F
0x8026
FG_IFG_LEN
Frame Generator Interframe Gap Length
Register.
0x000C
R/W
0x1F
0x8027
FG_NFRM_H
Frame Generator Number of Frames High
Register.
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com