Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 91 of 109
Table 171. Bit Descriptions for AN_STATUS_EXTRA (Continued)
Bits
Bit Name
Description
Reset
Access
10
AN_LP_NP_RX
Next Page Request Received from Link Partner.
0x0
R LH
9
AN_INC_LINK
Incompatible Link Indication. This corresponds to the incompatible link state of IEEE
Standard 802.3 Subclause 98.5.1. Its value is set by the priority resolution function run on
entering the autonegotiation good check state.
0x0
R
[8:7]
AN_TX_LVL_RSLTN
Autonegotiation Tx Level Result. Transmit level high/low resolution result, determined as
per IEEE Standard 802.3cg Subclause 146.6.4. This is encoded as follows:
0x0
R
0: not run.
2: success, low transmit levels (1.0 V p-p) selected.
3: success, high transmit levels (2.4 V p-p) selected.
[6:5]
AN_MS_CONFIG_RSLTN
Leader/Follower Resolution Result. Determined as per leader/follower configuration of
IEEE Standard 802.3. This is encoded as follows:
0x0
R
0: not run.
1: configuration fault.
2: success, PHY is configured as follower.
3: success, PHY is configured as leader.
[4:1]
AN_HCD_TECH
Highest Common Denominator (HCD) PHY Technology. As selected by the priority
resolution function of IEEE Standard 802.3 Subclause 98.2.4.2. Consider all values that
are not shown to be reserved.
0x0
R
0: null (not run).
1: 10BASE-T1L.
0
AN_LINK_GOOD
Autonegotiation Complete Indication. This corresponds to the an_link_good state of IEEE
Standard 802.3 Subclause 98.5.1. This signal indicates completion of the autonegotiation
transmission, and that the enabled PHY technology is either bringing up its link or that it
has brought up its link. See also AN_COMPLETE, which is similar, but also indicates that
the PHY link is up.
0x0
R
PHY Instantaneous Status Register
Device Address: 0x07; Register Address: 0x8030, Reset: 0x0010, Name: AN_PHY_INST_STATUS
This register address provides access to instantaneous status indications. These values are not latched, and the set of indications returned
here are a consistent set, that is, a set of values in effect at the time the register address is read.
Table 172. Bit Descriptions for AN_PHY_INST_STATUS
Bits
Bit Name
Description
Reset
Access
[15:5]
RESERVED
Reserved.
0x0
R
4
IS_AN_TX_EN
Autonegotiation Tx Enable Status. Autonegotiation transmit enable. This bit indicates that the
autonegotiation is active and controlling the transmitter, and arbitration has not yet reached the
autonegotiation (AN) good check state or the AN good state. That is, the link_control signals have not been
set to enable.
0x1
R
3
IS_CFG_MST
Leader Status. If link_control = enable (for example, B10L_LINK_CTRL_EN = 1), this indicates whether the
PHY is operating as leader (and not follower).
0x0
R
2
IS_CFG_SLV
Follower Status. If link_control = enable (for example, B10L_LINK_CTRL_EN = 1), this indicates whether
the PHY is operating as follower (and not leader).
0x0
R
1
IS_TX_LVL_HI
Tx Level High Status. Indicates that the PHY is operating with high transmit levels (2.4 V), and not low
transmit levels (1.0 V).
0x0
R
0
IS_TX_LVL_LO
Tx Level Low Status. Indicates that the PHY is operating with low transmit levels (1.0 V), and not low
transmit levels (2.4 V).
0x0
R
Vendor Specific MMD 1 Device Identifier High Register
Device Address: 0x1E; Register Address: 0x0002, Reset: 0x0283, Name: MMD1_DEV_ID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com