Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111BCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADIN1111BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1111BCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADIN1111BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1111BCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
Data Sheet
ADIN1111
REGISTERS
analog.com
Rev. A | 71 of 109
Table 121. Bit Descriptions for MI_CONTROL (Continued)
Bits
Bit Name
Description
Reset
Access
13
MI_SPEED_SEL_LSB
MII Speed Selection LSB. See MI_SPEED_SEL_MSB.
0x0
R
12
MI_AN_EN
Autonegotiation Enable. Use the AN_FRC_MODE_EN register to enable forced link configuration
mode. Mirrors AN_EN.
0x1
R
1 = enable autonegotiation.
0 = disable autonegotiation.
11
MI_SFT_PD
Software Power-Down. The software power-down register allows the PHY to be placed in software
power-down mode. In this mode, most of the PHY circuitry is switched off. However, MDIO access
to all registers is still possible. The default value for this register is configurable via a pin. This
allows the PHY to be held in reset until an appropriate software initialization is performed. Mirrors
CRSM_SFT_PD.
Pin Dependent
R/W
10
MI_ISOLATE
MII Isolate. The isolate bit allows the PHY to be isolated from the MII.
0x0
R/W
9
RESERVED
Reserved.
0x0
R/W SC
8
MI_FULL_DUPLEX
MII Full Duplex. The duplex mode register cannot be written and always reads as 1 because the
PHY is only able to operate in full duplex mode.
0x1
R
7
MI_COLTEST
MII Collision Test. The collision test register cannot be written and always reads as 0 because the
PHY is only able to operate in full duplex mode and does not have a COL pin.
0x0
R
6
MI_SPEED_SEL_MSB
MII Speed Selection MSB. The speed selection MSB/LSB registers cannot be written and always
read as 00 because the PHY is only able to operate in 10 Mbps.
0x0
R
5
MI_UNIDIR_EN
MII Unidirectional Enable. The unidirectional enable register cannot be written and always reads as
0 because the PHY does not have the ability to transmit data from the MII, regardless of whether or
not it has determined that a valid link is established.
0x0
R
[4:0]
RESERVED
Reserved.
0x0
R
MII Status Register
Address: 0x1, Reset: 0x1009, Name: MI_STATUS
This address corresponds to the MII status register specified in Clause 22.2.4.2 of Standard 802.3.
Table 122. Bit Descriptions for MI_STATUS
Bits
Bit Name
Description
Reset
Access
15
MI_T4_SPRT
100BASE-T4 Ability. The 100BASE-T4 ability bit always reads as 0 to indicate that the PHY does
not support this technology.
0x0
R
14
MI_FD100_SPRT
Full Duplex 100BASE-X Ability. The 100BASE-X full duplex ability bit always reads as 0 to indicate
that the PHY does not support this technology.
0x0
R
13
MI_HD100_SPRT
Half-Duplex 100BASE-X Ability. The 100BASE-X half-duplex ability bit always reads as 0 to indicate
that the PHY does not support this technology.
0x0
R
12
MI_FD10_SPRT
Full Duplex 10 Mbps Ability. The 10 Mbps full duplex ability bit indicates that the PHY supports this
technology.
0x1
R
11
MI_HD10_SPRT
Half-Duplex 10 Mbps Ability. The 10 Mbps half-duplex ability bit always reads as 0 to indicate that
the PHY does not support this technology.
0x0
R
10
MI_FD_T2_SPRT
Full Duplex 100BASE-T2 Ability. The 100BASE-T2 full duplex ability bits always reads as 0 to
indicate that the PHY does not support this technology.
0x0
R
9
MI_HD_T2_SPRT
Half-Duplex 100BASE-T2- Ability. The 100BASE-T2 half-duplex ability bit always reads as 0 to
indicate that the PHY does not support this technology.
0x0
R
8
MI_EXT_STAT_SPRT
Extended Status Support. The extended status support bit always reads as 0 to indicate that the
PHY does not provide extended status information in Register 0xF.
0x0
R
7
MI_UNIDIR_ABLE
Unidirectional Ability. The unidirectional ability register always reads as 0 to indicate that the PHY
can only transmit data from the MII when it has determined that a valid link is established.
0x0
R
6
MI_MF_PREAM_SUP_ABLE
Management Preamble Suppression Ability. The management frame preamble suppression ability
bit always reads as 0 to indicate that the PHY is not able to receive management frames that are
not preceded by the preamble pattern.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com